Electronic Components Datasheet Search
  English  ▼

X  

ATF1504AS Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATF1504AS
Description  High- Performance EE CPLD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504AS Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATF1504AS Datasheet HTML 13Page - ATMEL Corporation ATF1504AS Datasheet HTML 14Page - ATMEL Corporation ATF1504AS Datasheet HTML 15Page - ATMEL Corporation ATF1504AS Datasheet HTML 16Page - ATMEL Corporation ATF1504AS Datasheet HTML 17Page - ATMEL Corporation ATF1504AS Datasheet HTML 18Page - ATMEL Corporation ATF1504AS Datasheet HTML 19Page - ATMEL Corporation ATF1504AS Datasheet HTML 20Page - ATMEL Corporation ATF1504AS Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
ATF1504AS(Z)
19
20
12
83.3
ATF1504ASZ-20 AC44
ATF1504ASZ-20 JC44
ATF1504ASZ-20 JC68
ATF1504ASZ-20 JC84
ATF1504ASZ-20 QC100
ATF1504ASZ-20 AC100
44A
44J
68J
84J
100Q1
100A
Commercial
(0
°C to 70°C)
25
15
70
ATF1504ASZ-25 AC44
ATF1504ASZ-25 JC84
ATF1504ASZ-25 JC68
ATF1504ASZ-25 JC84
ATF1504ASZ-25 QC100
ATF1504ASZ-25 AC100
44A
44J
68J
84J
100Q1
100A
Commercial
(0
°C to 70°C)
25
15
70
ATF1504ASZ-25 AI44
ATF1504ASZ-25 JI84
ATF1504ASZ-25 JI68
ATF1504ASZ-25 JI84
ATF1504ASZ-25 QI100
ATF1504ASZ-25 AI100
44A
44J
68J
84J
100Q1
100A
Industrial
(-40
°C to +85°C)
Ordering Information (Continued)
tPD
(ns)
tCO1
(ns)
fMAX
(MHz)
Ordering Code
Package
Operation Range
Package Type
44A
44-Lead, Thin Plastic Gull Wing Quad Flatpack (TQFP)
44J
44-Lead, Plastic J-Leaded Chip Carrier OTP (PLCC)
68J
68-Lead, Plastic J-Leaded Chip Carrier (PLCC)
84J
84-Lead, Plastic J-Leaded Chip Carrier (PLCC)
100Q1
100-Lead, Plastic Quad Flat Pack (PQFP)
100A
100-Lead, Thin Quad Flat Pack (TQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com