Electronic Components Datasheet Search
  English  ▼

X  

ATF1508AS Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF1508AS
Description  High Performance E2 PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF1508AS Datasheet HTML 1Page - ATMEL Corporation ATF1508AS Datasheet HTML 2Page - ATMEL Corporation ATF1508AS Datasheet HTML 3Page - ATMEL Corporation ATF1508AS Datasheet HTML 4Page - ATMEL Corporation ATF1508AS Datasheet HTML 5Page - ATMEL Corporation ATF1508AS Datasheet HTML 6Page - ATMEL Corporation ATF1508AS Datasheet HTML 7Page - ATMEL Corporation ATF1508AS Datasheet HTML 8Page - ATMEL Corporation ATF1508AS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
High
Performance
E
2 PLD
ATF1508AS/Z
Features
• High Density, High Performance Electrically Erasable Complex
Programmable Logic Device
– 128 Macrocells
– 5 Product Terms per Macrocell, Expandable up to 40 per Macrocell
– 68, 84, 100, 160-pins
– 7.5 ns Maximum Pin-to-Pin Delay
– Registered Operation Up To 125 MHz
– Enhanced Routing Resources
• Flexible Logic Macrocell
– D/T/Latch Configurable Flip Flops
– Global and Individual Register Control Signals
– Global and Individual Output Enable
– Programmable Output Slew Rate
– Programmable Output Open Collector Option
– Maximum Logic utilization by burying a register within a COM output
• Advanced Power Management Features
– Automatic 100
µµµµA Stand-By for “Z” Version (Max.)
– Pin-Controlled 100
µµµµA Stand-By Mode (Typical)
– Programmable Pin-Keeper Inputs and I/Os
– Reduced-Power Feature Per Macrocell
• Available in Commercial and Industrial Temperature Ranges
• Available in 84-pin PLCC and 100-pin PQFP and TQFP and
160-pin PQFP Packages
• Advanced Flash Technology
– 100% Tested
– Completely Reprogrammable
– 100 Program/Erase Cycles
– 20 Year Data Retention
– 2000V ESD Protection
– 200 mA Latch-Up Immunity
• JTAG Boundary-Scan Testing to IEEE Std. 1149.1-1990 and 1149.1a-1993 Supported
• Fast In-System Programmability (ISP) via JTAG
• PCI-compliant
• 3.3 or 5.0V I/O pins
• Security Fuse Feature
Enhanced Features
• Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
• Output Enable Product Terms
• D - Latch Mode
• Combinatorial Output with Registered Feedback within any Macrocell
• Three Global Clock Pins
• ITD ( Input Transition Detection) Circuits on Global Clocks, Inputs and I/O
• Fast Registered Input from Product Term
• Programmable “Pin-Keeper” Option
• V
CC Power-Up Reset Option
• Pull-Up Option on JTAG Pins TMS and TDI
• Advanced Power Management Features
– Edge Controlled Power Down “Z”
– Individual Macrocell Power Option
– Disable ITD on Global Clocks, Inputs and I/O for “Z” Parts
Rev. 0784C–4/98


Similar Part No. - ATF1508AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1508AS ATMEL-ATF1508AS Datasheet
717Kb / 31P
Highperformance EE PLD
ATF1508AS-10AC100 ATMEL-ATF1508AS-10AC100 Datasheet
717Kb / 31P
Highperformance EE PLD
ATF1508AS-10AL100 ATMEL-ATF1508AS-10AL100 Datasheet
717Kb / 31P
Highperformance EE PLD
ATF1508AS-10AU100 ATMEL-ATF1508AS-10AU100 Datasheet
717Kb / 31P
Highperformance EE PLD
ATF1508AS-10JC84 ATMEL-ATF1508AS-10JC84 Datasheet
717Kb / 31P
Highperformance EE PLD
More results

Similar Description - ATF1508AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
High Performance E2 PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
High Performance E2 PLD
ATF16V8CZ ATMEL-ATF16V8CZ Datasheet
381Kb / 10P
High Performance E2 PLD
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
High Performance E2 PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
High Performance E2 PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
High- Performance EE PLD
ATF22V10C ATMEL-ATF22V10C Datasheet
234Kb / 8P
High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
High Performance E2 PLD
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
High Performance Flash PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
High performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com