Electronic Components Datasheet Search
  English  ▼

X  

ATF1508AS Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATF1508AS
Description  High Performance E2 PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATF1508AS Datasheet HTML 12Page - ATMEL Corporation ATF1508AS Datasheet HTML 13Page - ATMEL Corporation ATF1508AS Datasheet HTML 14Page - ATMEL Corporation ATF1508AS Datasheet HTML 15Page - ATMEL Corporation ATF1508AS Datasheet HTML 16Page - ATMEL Corporation ATF1508AS Datasheet HTML 17Page - ATMEL Corporation ATF1508AS Datasheet HTML 18Page - ATMEL Corporation ATF1508AS Datasheet HTML 19Page - ATMEL Corporation ATF1508AS Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
ATF1508AS/Z
16
Notes:
1. Equation A: I
OH = 11.9(VOUT - 5.25) * (VOUT + 2.45) for VCC > VOUT > 3.1V.
2. Equation B: I
OL = 78.5 * VOUT * (4.4 - VOUT) for 0V < VOUT < 0.71V.
PCI AC Characteristics
Symbol
Parameter
Conditions
Min
Max
Units
I
OH(AC)
Switching
0 < V
OUT
≤ 1.4
-44
mA
Current High
1.4 < V
OUT < 2.4
-44+(V
OUT-1.4)/0.024
mA
3.1 < V
OUT < VCC
Equation A
mA
(Test High)
V
OUT = 3.1V
-142
µA
I
OL(AC)
Switching
V
OUT > 2.2V
95
mA
Current Low
2.2 > V
OUT > 0
V
OUT/0.023
mA
0.1 > V
OUT > 0
Equation B
mA
(Test Point)
V
OUT = 0.71
206
mA
I
CL
Low Clamp Current
-5 < V
IN ≤ -1
-25+(V
IN+1)/0.015
mA
SLEW
R
Output Rise Slew Rate
0.4V to 2.4V load
0.5
3.0
V/ns
SLEW
F
Output Fall Slew Rate
2.4V to 0.4V load
0.5
3.0
V/ns
= Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com