Electronic Components Datasheet Search
  English  ▼

X  

ATF1508AS Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATF1508AS
Description  High Performance E2 PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATF1508AS Datasheet HTML 11Page - ATMEL Corporation ATF1508AS Datasheet HTML 12Page - ATMEL Corporation ATF1508AS Datasheet HTML 13Page - ATMEL Corporation ATF1508AS Datasheet HTML 14Page - ATMEL Corporation ATF1508AS Datasheet HTML 15Page - ATMEL Corporation ATF1508AS Datasheet HTML 16Page - ATMEL Corporation ATF1508AS Datasheet HTML 17Page - ATMEL Corporation ATF1508AS Datasheet HTML 18Page - ATMEL Corporation ATF1508AS Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
ATF1508AS/Z
15
PCI Compliance
The ATF1508AS also supports the growing need in the
industry to support the new Peripheral Component Inter-
connect (PCI) interface standard in PCI-based designs and
specifications. The PCI interface calls for high current driv-
ers which are much larger than the traditional TTL drivers.
PCI Voltage-to-Current Curves for +5V
Signaling in Pull-Up Mode
PCI Voltage-to-Current Curves for +5V
Signaling in Pull-Down Mode
Note:
Leakage Current is without Pin-Keeper off.
2.4
VCC
1.4
-2
-44
-178
Current (mA)
AC drive
point
DC
drive point
Pull Up
Test Point
2.2
VCC
0.55
3.6
95
380
Current (mA)
AC drive
point
DC
drive point
Pull Down
Test Point
PCI DC Characteristics
Symbol
Parameter
Conditions
Min
Max
Units
V
CC
Supply Voltage
4.75
5.25
V
V
IH
Input High Voltage
2.0
V
CC + 0.5
V
V
IL
Input Low Voltage
-0.5
0.8
V
I
IH
Input High Leakage Current
V
IN = 2.7V
70
µA
I
IL
Input Low Leakage Current
V
IN = 0.5V
-70
µA
V
OH
Output High Voltage
I
OUT = -2 mA
2.4
V
V
OL
Output Low Voltage
I
OUT = 3 mA, 6 mA
0.55
V
C
IN
Input Pin Capacitance
10
pF
C
CLK
CLK Pin Capacitance
12
pF
C
IDSEL
IDSEL Pin Capacitance
8
pF
L
PIN
Pin Inductance
20
nH
= Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com