Electronic Components Datasheet Search
  English  ▼

X  

AT89 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 4K Bytes Flash
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89 Datasheet HTML 1Page - ATMEL Corporation AT89 Datasheet HTML 2Page - ATMEL Corporation AT89 Datasheet HTML 3Page - ATMEL Corporation AT89 Datasheet HTML 4Page - ATMEL Corporation AT89 Datasheet HTML 5Page - ATMEL Corporation AT89 Datasheet HTML 6Page - ATMEL Corporation AT89 Datasheet HTML 7Page - ATMEL Corporation AT89 Datasheet HTML 8Page - ATMEL Corporation AT89 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
4-29
PQFP/TQFP
23
1
I NDEX
CORNER
34
42
43
40
41
6
5
4
44
3
2
26
25
28
27
24
18
19
20
21
22
P1.7
P1.6
P1.5
NC
7
8
9
10
11
12
13
14
15
16
17
29
30
39
38
37
36
35
33
32
31
NC
PSEN
ALE/PR OG
EA/VPP
(RX D )
P 3.0
P0.7
( A D7)
P2.6
(A14)
P0.6
( A D6)
P0.5
( A D5)
P0.4
( A D4)
()
P 3 . 2
INT0
(TX D )
P 3.1
(T1)
P 3 .5
()
P 3 . 3
INT1
(T0)
P 3 .4
P2.7
(A15)
RST
P2.5
(A13)
Features
• Compatible with MCS-51™ Products
• 4K Bytes of In-System Reprogrammable Flash Memory
– Endurance: 1,000 Write/Erase Cycles
• Fully Static Operation: 0 Hz to 24 MHz
• Three-Level Program Memory Lock
• 128 x 8-Bit Internal RAM
• 32 Programmable I/O Lines
• Two 16-Bit Timer/Counters
• Six Interrupt Sources
• Programmable Serial Channel
• Low Power Idle and Power Down Modes
Description
The AT89C51 is a low-power, high-performance CMOS 8-bit microcomputer with 4K
bytes of Flash Programmable and Erasable Read Only Memory (PEROM). The
device is manufactured using Atmel’s high density nonvolatile memory technology
and is compatible with the industry standard MCS-51™ instruction set and pinout. The
on-chip Flash allows the program memory to be reprogrammed in-system or by a con-
ventional nonvolatile memory programmer. By combining a versatile 8-bit CPU with
Flash on a monolithic chip, the Atmel AT89C51 is a powerful microcomputer which
provides a highly flexible and cost effective solution to many embedded control appli-
cations.
PDIP
P1.0
V CC
P1.1
P0.0
( A D0)
P1.2
()
P 3 . 2
INT0
ALE/PR OG
()
P 3 . 7
RD
P2.3
(A11)
(TX D )
P 3.1
EA/VPP
()
P 3 . 6
WR
P2.4
(A12)
(RX D )
P 3.0
P0.7
( A D7)
(T1)
P 3 .5
P2.6
(A14)
RST
P0.6
( A D6)
P1.7
P0.5
( A D5)
P1.6
P0.4
( A D4)
P1.5
P0.3
( A D3)
P1.4
P0.2
( A D2)
P1.3
P0.1
( A D1)
()
P 3 . 3
INT1
PSEN
XTAL2
P 2.2
( A10)
(T0)
P 3 .4
P2.7
(A15)
XTAL1
P 2.1
( A9)
GND
P 2.0
( A 8 )
P2.5
(A13)
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
21
22
23
24
25
26
40
39
38
37
36
35
34
33
32
31
30
29
28
27
0265F-A–12/97
(continued)
8-Bit
Microcontroller
with 4K Bytes
Flash
AT89C51
Pin Configurations
PLCC
ALE/PR OG
EA/VPP
(RX D ) P 3.0
P0.7 ( A D7)
P2.6 (A14)
P0.6 ( A D6)
P0.5 ( A D5)
P0.4 ( A D4)
PSEN
() P 3 . 2
INT0
(TX D ) P 3.1
(T1) P 3 .5
() P 3 . 3
INT1
(T0) P 3 .4
P2.7 (A15)
23
1
RST
P1.7
P1.6
P1.5
I NDEX
CORNER
NC
P2.5 (A13)
34
NC
42
43
40
41
6
5
44 4
3
2
26
25
28
27
18
19
20
24
21
22
7
8
9
10
11
12
13
14
15
16
17
29
30
39
38
37
36
35
33
32
31


Similar Part No. - AT89

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89 ATMEL-AT89 Datasheet
151Kb / 12P
8-Bit Microcontroller with 1K Byte Flash
AT89 ATMEL-AT89 Datasheet
181Kb / 22P
8-Bit Microcontroller with 8K Bytes Flash
AT89 ATMEL-AT89 Datasheet
474Kb / 41P
8-Bit Microcontroller with 8K Bytes Flash
AT892051 ATMEL-AT892051 Datasheet
251Kb / 13P
8-Bit Microcontroller with 2K Bytes Flash
AT89C1051 ATMEL-AT89C1051 Datasheet
151Kb / 12P
8-Bit Microcontroller with 1K Byte Flash
More results

Similar Description - AT89

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051 ATMEL-AT89C4051 Datasheet
265Kb / 19P
8-Bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
197Kb / 16P
8-Bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051 Datasheet
981Kb / 45P
8-bit Microcontroller with 2K/4K Bytes Flash
AT89C51 ATMEL-AT89C51_00 Datasheet
141Kb / 17P
8-bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
157Kb / 16P
8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
328Kb / 19P
8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_01 Datasheet
242Kb / 18P
8-bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
8-bit Microcontroller with 2K/4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_08 Datasheet
404Kb / 19P
8-bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
8-bit Microcontroller with 2K/4K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com