Electronic Components Datasheet Search
  English  ▼

X  

AT89 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 4K Bytes Flash
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89 Datasheet HTML 7Page - ATMEL Corporation AT89 Datasheet HTML 8Page - ATMEL Corporation AT89 Datasheet HTML 9Page - ATMEL Corporation AT89 Datasheet HTML 10Page - ATMEL Corporation AT89 Datasheet HTML 11Page - ATMEL Corporation AT89 Datasheet HTML 12Page - ATMEL Corporation AT89 Datasheet HTML 13Page - ATMEL Corporation AT89 Datasheet HTML 14Page - ATMEL Corporation AT89 Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AT89C51
4-42
Ordering Information
Speed
(MHz)
Power
Supply
Ordering Code
Package
Operation Range
12
5V
± 20%
AT89C51-12AC
44A
Commercial
AT89C51-12JC
44J
(0
°C to 70°C)
AT89C51-12PC
40P6
AT89C51-12QC
44Q
AT89C51-12AI
44A
Industrial
AT89C51-12JI
44J
(-40
°C to 85°C)
AT89C51-12PI
40P6
AT89C51-12QI
44Q
AT89C51-12AA
44A
Automotive
AT89C51-12JA
44J
(-40
°C to 105°C)
AT89C51-12PA
40P6
AT89C51-12QA
44Q
16
5V
± 20%
AT89C51-16AC
44A
Commercial
AT89C51-16JC
44J
(0
°C to 70°C)
AT89C51-16PC
40P6
AT89C51-16QC
44Q
AT89C51-16AI
44A
Industrial
AT89C51-16JI
44J
(-40
°C to 85°C)
AT89C51-16PI
40P6
AT89C51-16QI
44Q
AT89C51-16AA
44A
Automotive
AT89C51-16JA
44J
(-40
°C to 105°C)
AT89C51-16PA
40P6
AT89C51-16QA
44Q
20
5V
± 20%
AT89C51-20AC
44A
Commercial
AT89C51-20JC
44J
(0
°C to 70°C)
AT89C51-20PC
40P6
AT89C51-20QC
44Q
AT89C51-20AI
44A
Industrial
AT89C51-20JI
44J
(-40
°C to 85°C)
AT89C51-20PI
40P6
AT89C51-20QI
44Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com