Electronic Components Datasheet Search
  English  ▼

X  

BA5417 Datasheet(PDF) 2 Page - Rohm

Part # BA5417
Description  Stereo Speaker Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5417 Datasheet(HTML) 2 Page - Rohm

  BA5417 Datasheet HTML 1Page - Rohm BA5417 Datasheet HTML 2Page - Rohm BA5417 Datasheet HTML 3Page - Rohm BA5417 Datasheet HTML 4Page - Rohm BA5417 Datasheet HTML 5Page - Rohm BA5417 Datasheet HTML 6Page - Rohm BA5417 Datasheet HTML 7Page - Rohm BA5417 Datasheet HTML 8Page - Rohm BA5417 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical Note
2/10
www.rohm.com
2013.11 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
BA5406,BA5417
●
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
BA5406
BA5417
Supply voltage
Vcc
18
*1
20
*1
V
Power dissipation
Pd
20
*2
15
*3
W
Operating temperature
Topr
-20 ~ +75
-20 ~ +75
℃
Storage temperature
Tstg
-30 ~ +125
-55 ~ +150
℃
*1 When no signal
*2 Back metal temperature 75℃
*3 Ta=75°C (Using infinite heatsink)
●
Operating range (Ta=25℃)
Parameter
Symbol
Ratings
Unit
BA5406
BA5417
Supply voltage
VCC
5.0 ~ 15.0
6.0 ~ 15.0
V
●
Electrical characteristics (BA5406 : Unless otherwise noted, Ta=25℃, Vcc=12V)
(BA5417 : Unless otherwise noted, Ta=25℃, Vcc=9V)
Parameter
Symbol
Limits
Unit.
Conditions
BA5406
BA5417
Quiescent current
IO
40
22
mA
VIN=0Vms
Rated output power
POUT
5.0
5.0
W
THD=10%,Vcc=12V, RL=3Ω
Closed loop voltage gain
GVC
46
45
dB
―
Output noise voltage
VNO
0.6
0.3
mVrms Rg=10kΩ, DIN-Audio
Total harmonic distortion
THD
0.3
0.1
%
POUT=0.5W, f=1kHz
Ripple rejection
RR
―
55
dB
fRR=100Hz,VRR=-10dBm
Crosstalk
CT
―
65
dB
VO=0dBm
Standby current
IOFF
―
0
µA
―
Standby pin input current
ISIN
―
0.15
mA
VSTBY=VCC
Standby pin
control voltage
Activated
VSTH
―
3.5 ~ Vcc
V
―
Not Activated
VSTL
―
0 ~ 1.2
V
―
* Note: This IC is not designed to be radiation-resistant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com