Electronic Components Datasheet Search
  English  ▼

X  

BA5417 Datasheet(PDF) 1 Page - Rohm

Part # BA5417
Description  Stereo Speaker Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5417 Datasheet(HTML) 1 Page - Rohm

  BA5417 Datasheet HTML 1Page - Rohm BA5417 Datasheet HTML 2Page - Rohm BA5417 Datasheet HTML 3Page - Rohm BA5417 Datasheet HTML 4Page - Rohm BA5417 Datasheet HTML 5Page - Rohm BA5417 Datasheet HTML 6Page - Rohm BA5417 Datasheet HTML 7Page - Rohm BA5417 Datasheet HTML 8Page - Rohm BA5417 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/10
www.rohm.com
2013.11 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
Class-AB Speaker Amplifiers
5W+5W
Stereo Speaker Amplifiers
BA5406,BA5417
●
Description
The BA5406/BA5417 is a dual OTL monolithic power IC with two built-in, high output speaker amplifier circuits. High output
of 5W×2 can be produced when VCC=12 V and RL=3Ω, and 2.8 W×2 when VCC=9V and RL=3Ω. The BA5406, which uses a
high allowable power dissipation package, has a simple heatsink design. The BA5417 not only exceeds basic characteristics,
but also has a built-in soft clip circuit, thermal shutdown and standby circuits.
●
Features
BA5406
1) Good low voltage characteristics (Operation from Vcc=5 V)
2) Ripple filter (6pin) also can be used as muting pin (Make 6pin GND potential)
3) Small thermal resistance package and simple heatsink design
BA5417
1) Small pop noise when standby switches ON/OFF
2) Built-in circuit to prevent ripple addition when motor starts
3) Built-in thermal shutdown circuit
4) Built-in standby switch circuit
5) Built-in soft clip circuit
●
Applications
Stereo radio cassette players, mini-audio systems, LCD TVs, etc.
●
Line up matrix
Part No.
BA5406
BA5417
Units
Supply voltage
5 ~ 15
6 ~ 15
V
Power dissipation
20
15
W
Quiescent current
40
22
mA
Standby current
―
0
μA
Closed loop voltage gain
46
45
dB
Output noise voltage
0.6
0.3
mVrms
Total harmonic distortion
0.3
0.1
%
Ripple rejection
―
55
dB
Package
SIP-M12
HSIP15
―
No.13077EDT02


Similar Part No. - BA5417

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5417 ROHM-BA5417 Datasheet
156Kb / 7P
High-output dual power amplifier
BA5417 ROHM-BA5417 Datasheet
229Kb / 5P
5W5W Stereo Speaker Amplifiers
BA5417 ROHM-BA5417 Datasheet
899Kb / 9P
5W5W Stereo Speaker Amplifiers
BA5417 ROHM-BA5417 Datasheet
636Kb / 11P
5W5W Stereo Speaker Amplifiers
logo
Unisonic Technologies
BA5417 UTC-BA5417 Datasheet
241Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
More results

Similar Description - BA5417

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Rohm
BA5406 ROHM-BA5406_1 Datasheet
160Kb / 5P
5W5W Stereo Speaker Amplifiers
BA5417 ROHM-BA5417_1 Datasheet
229Kb / 5P
5W5W Stereo Speaker Amplifiers
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Maxim Integrated Produc...
MAX9789 MAXIM-MAX9789_09 Datasheet
506Kb / 28P
Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 3; 9/09
logo
Rohm
BA5406 ROHM-BA5406_05 Datasheet
899Kb / 9P
5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406_10 Datasheet
636Kb / 11P
5W5W Stereo Speaker Amplifiers
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Maxim Integrated Produc...
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com