Electronic Components Datasheet Search
  English  ▼

X  

BA5417 Datasheet(PDF) 8 Page - Rohm

Part # BA5417
Description  Stereo Speaker Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5417 Datasheet(HTML) 8 Page - Rohm

Back Button BA5417 Datasheet HTML 3Page - Rohm BA5417 Datasheet HTML 4Page - Rohm BA5417 Datasheet HTML 5Page - Rohm BA5417 Datasheet HTML 6Page - Rohm BA5417 Datasheet HTML 7Page - Rohm BA5417 Datasheet HTML 8Page - Rohm BA5417 Datasheet HTML 9Page - Rohm BA5417 Datasheet HTML 10Page - Rohm BA5417 Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Technical Note
8/10
www.rohm.com
2013.11 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
BA5406,BA5417
0
10
20
30
40
50
60
10
100
1000
10000
100000
FREQUENCY : f(Hz)
BA5417
T= Normal
Vcc=9V
RL=6Ω
VIN=-45dB
Heat sink used
(≒4.8×5.4×0.1cm)
10
100
1K
10K
100K
Fig.34 Close loop gain vs. Frequency
BA5417 BTL mode
BA5417
Fig.37 Starting time
vs. Input coupling capacitor
Normal
Input level=-39.0dBm
T=Normal
Vcc=9V
RL=6Ω
Input level=-39.0dBm
2
1.5
7
0.5
0
1
2
3
4
5
6
7
8
9
10
0.1
1
10
100
OUTPUT POWER : Po(W)
BA5417
T= Normal f=1kHz RL=6Ω
200HzHPF 20kHzLPF
Heat sink used
(≒4.8×5.4×0.1cm)
Pd
Icc
Vcc=9V
Vcc=12V
Vcc=15V
Fig.35 Power dissipation,
Supply current vs. Frequency
BA5417
0
1
2
3
4
5
6
7
8
9
10
02
46
8
10 12 14 16 18
POWER SUPPLY : Vcc(V)
Fig.39 Output voltage,
Negative feed back voltage
vs. Supply Voltage
BA5417
VNF1
Vout1
Normal
temperature
RL=6Ω
Normal
Fig.41 Ripple rejection
vs. Ripple filter capacitor
BA5417
T= Normal
Vcc=9V
RL=6Ω
VIN=-10dBm
0
10
20
30
40
50
60
70
80
0
5
10
15
20
POWER SUPPLY : Vcc(V)
BA5417
Fig.33 Ripple rejection ratio
vs. Supply Voltage
T= Normal RL=6Ω f=100Hz
Vpp=-10dBm
Heat sink used
(≒4.8×5.4×0.1cm)
20kHzLPF
0.01
0.1
1
10
100
0.1
1
10
OUTPUT POWER : Po(W)
BA5417
f=10kHz
f=100Hz
f=1kHz
T= Normal
Vcc=9V
RL=6Ω
Heat sink used
(≒4.8×5.4×0.1cm)
Fig.32 Total harmonic distortion
vs. Output power
BA5417
Fig.38 Starting time vs. Supply Voltage
T= Normal
RL=6Ω
VIN=-39.0dBm
f=1kHz
200HzHPF
20kHzLPF
(RL=6Ω)
Fig.36 Starting time
vs. Ripple filter capacitor
BA5417
Fig.40 Output offset voltage
vs. Supply Voltage
Normal
BA5417
Normal
Heat sink used
(≒4.8×5.4×0.1cm)
Fig.31 Rated output power
vs. Supply Voltage
10.0
T= Normal
f=1kHz
THD=10%
200HzHPF
20kHzLPF
Heat sink used
(≒4.8×5.4×0.1cm)
(RL=6Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com