Electronic Components Datasheet Search
  English  ▼

X  

SSM2220 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2220
Description  Audio Dual Matched PNP Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2220 Datasheet(HTML) 5 Page - Analog Devices

  SSM2220 Datasheet HTML 1Page - Analog Devices SSM2220 Datasheet HTML 2Page - Analog Devices SSM2220 Datasheet HTML 3Page - Analog Devices SSM2220 Datasheet HTML 4Page - Analog Devices SSM2220 Datasheet HTML 5Page - Analog Devices SSM2220 Datasheet HTML 6Page - Analog Devices SSM2220 Datasheet HTML 7Page - Analog Devices SSM2220 Datasheet HTML 8Page - Analog Devices SSM2220 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
SSM2220
Rev. C | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
0V
40nV
–40nV
1s
20mV
VCE = 5V
IC = 1mA
TA = 25°C
VERTICAL = 40nV/DIV
HORIZONTAL = 1s/DIV
Figure 2. Low Frequency Noise
14
0
2
4
6
8
10
12
0.001
0.01
0.1
1
COLLECTOR CURRENT (mA)
RS = 1kΩ
RS = 10kΩ
RS = 100kΩ
VCE = 5V
f = 1kHz
Figure 3. Noise Figure vs. Collector Current
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
10–8
10–3
10–4
10–5
10–6
10–7
COLLECTOR CURRENT (A)
TA = 25°C
VCB = 0V
Figure 4. Emitter to Base Log Conformity
250
0
50
100
150
200
1
10
100
1000
COLLECTOR CURRENT (µA)
TA = 25°C
VCB = 0V
RS = 1kΩ
RS = 10kΩ
RS = 100kΩ
RS
RS
f = 1kHz
Figure 5. Total Noise vs. Collector Current
6
5
4
3
2
1
0
0
3
6
9
12
COLLECTOR CURRENT (mA)
TA = 25°C
VCB = 0V
10Hz
100Hz
Figure 6. Noise Voltage Density vs. Collector Current
1k
0.1
1
10
100
0.1
100k
10k
1k
100
10
1
FREQUENCY (Hz)
TA = 25°C
VCB = 0V
IC = 10µA
IC = 100µA
IC = 1mA
Figure 7. Noise Voltage Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com