Electronic Components Datasheet Search
  English  ▼

X  

SSM2220 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2220
Description  Audio Dual Matched PNP Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2220 Datasheet(HTML) 1 Page - Analog Devices

  SSM2220 Datasheet HTML 1Page - Analog Devices SSM2220 Datasheet HTML 2Page - Analog Devices SSM2220 Datasheet HTML 3Page - Analog Devices SSM2220 Datasheet HTML 4Page - Analog Devices SSM2220 Datasheet HTML 5Page - Analog Devices SSM2220 Datasheet HTML 6Page - Analog Devices SSM2220 Datasheet HTML 7Page - Analog Devices SSM2220 Datasheet HTML 8Page - Analog Devices SSM2220 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Audio Dual Matched PNP Transistor
Data Sheet
SSM2220
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low voltage noise at 100 Hz, 1 nV/√Hz maximum
High gain bandwidth: 190 MHz typical
Gain at IC = 1 mA, 165 typical
Tight gain matching: 3% maximum
Outstanding logarithmic conformance: rBE = 0.3 Ω typical
Low offset voltage: 200 μV maximum
APPLICATIONS
Microphone preamplifiers
Tape head preamplifiers
Current sources and mirrors
Low noise precision instrumentation
Voltage controlled amplifiers/multipliers
PIN CONNECTION DIAGRAM
C1 1
B1 2
E1 3
NC
4
C2
8
B2
7
E2
6
NC
5
SSM2220
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. THIS PIN IS
NOT CONNECTED INTERNALLY.
Figure 1.
GENERAL DESCRIPTION
The SSM2220 is a dual, low noise, matched PNP transistor, which
has been optimized for use in audio applications.
The ultralow input voltage noise of the SSM2220 is typically only
0.7 nV/√Hz over the entire audio bandwidth of 20 Hz to 20 kHz.
The low noise, high bandwidth (190 MHz), and offset voltage of
(200 μV maximum) make the SSM2220 an ideal choice for demand
ing, low noise preamplifier applications.
The SSM2220 also offers excellent matching of the current gain
(ΔhFE) to about 0.5%, which helps to reduce the high order ampli-
fier harmonic distortion. In addition, to ensure the long-term
stability of the matching parameters, internal protection diodes
across the base to emitter junction were used to clamp any reverse
base to emitter junction potential. This prevents a base to emitter
breakdown condition, which can result in degradation of gain and
matching performance due to excessive breakdown current.
Another feature of the SSM2220 is its very low bulk resistance
of 0.3 Ω typical, which assures accurate logarithmic conformance.
The SSM2220 is offered in 8-lead plastic dual inline (PDIP) and
8-lead standard small outline (SOIC), and its performance and
characteristics are guaranteed over the extended industrial temper-
ature range of −40°C to +85°C.


Similar Part No. - SSM2220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2220 AD-SSM2220 Datasheet
427Kb / 8P
Audio Dual Natched PNP transistor
SSM2220P AD-SSM2220P Datasheet
427Kb / 8P
Audio Dual Natched PNP transistor
SSM2220S AD-SSM2220S Datasheet
427Kb / 8P
Audio Dual Natched PNP transistor
SSM2220 AD-SSM2220_15 Datasheet
370Kb / 12P
Audio Dual Matched PNP Transistor
REV. C
More results

Similar Description - SSM2220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT03 AD-MAT03 Datasheet
254Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV.B
SSM2212 AD-SSM2212 Datasheet
260Kb / 12P
Audio, Dual-Matched NPN Transistor
Rev. B
MAT12AHZ AD-MAT12AHZ Datasheet
271Kb / 12P
Audio, Dual-Matched NPN Transistor
REV. 0
SSM2210PZ AD-SSM2210PZ Datasheet
2Mb / 12P
Audio Dual Matched NPN Transistor
REV. C
SSM2210PZ AD-SSM2210PZ Datasheet
2Mb / 12P
Audio Dual Matched NPN Transistor
REV. C
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV. C
SSM2210 AD-SSM2210_15 Datasheet
2Mb / 12P
Audio Dual Matched NPN Transistor
REV. C
SSM2220 AD-SSM2220_15 Datasheet
370Kb / 12P
Audio Dual Matched PNP Transistor
REV. C
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
SSM2212 AD-SSM2212_15 Datasheet
362Kb / 12P
Audio, Dual-Matched NPN Transistor
6/15-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com