Electronic Components Datasheet Search
  English  ▼

X  

SSM2220 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2220
Description  Audio Dual Matched PNP Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2220 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2220 Datasheet HTML 4Page - Analog Devices SSM2220 Datasheet HTML 5Page - Analog Devices SSM2220 Datasheet HTML 6Page - Analog Devices SSM2220 Datasheet HTML 7Page - Analog Devices SSM2220 Datasheet HTML 8Page - Analog Devices SSM2220 Datasheet HTML 9Page - Analog Devices SSM2220 Datasheet HTML 10Page - Analog Devices SSM2220 Datasheet HTML 11Page - Analog Devices SSM2220 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SSM2220
Data Sheet
Rev. C | Page 8 of 12
APPLICATIONS INFORMATION
5V
AV = 10
CF = 30pF
20µs
PULSE RESPONSE
AV = 1000
VERT = 1nV/DIV
LOW FREQUENCY NOISE
10µF
AD8671
2
3
6
7
4
0.01µF
0.01µF
–15V
+15V
VOUT
Q5
Q2
Q3
Q7
Q4
Q1
Q6
+
–
83Ω
1.5kΩ
0.01%
1.5kΩ
0.01%
27kΩ
–15V
RED
LED
+15V
–15V
+
0.001µF
SSM2220 PAIRS:
Q1 – Q2
Q3 – Q4
Q5 – Q6
150Ω
0.01µF
+
10µF
0.001µF
Figure 16. Super Low Noise Amplifier
SUPER LOW NOISE AMPLIFIER
The circuit in Figure 16 is a super low noise amplifier, with equiv-
alent input voltage noise of 0.32 nV/√Hz. By paralleling SSM2220
matched pairs, a reduction of the base spreading resistance by a
factor of 3 results in a further reduction of amplifier noise by a fac-
tor of √3. Additionally, the shot noise contribution is reduced by
maintaining a high collector current (2 mA/device), which reduces
the dynamic emitter resistance and decreases voltage noise. The
voltage noise is inversely proportional to the square root of the
stage current, whereas current noise increases proportionally.
Accordingly, this amplifier capitalizes on voltage noise reduction
techniques at the expense of increasing the current noise. However,
high current noise is not usually important when dealing with
low impedance sources.
This amplifier exhibits excellent full power ac performance,
0.08% THD into a 600 Ω load, making it suitable for exacting
audio applications (see Figure 17).
0.1
0.001
0.01
10
100k
10k
1k
100
FREQUENCY (Hz)
600Ω LOAD
NO LOAD
Figure 17. Total Harmonic Distortion vs. Frequency of Circuit in Figure 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com