Electronic Components Datasheet Search
  English  ▼

X  

AD8592 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8592
Description  CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8592 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8592 Datasheet HTML 3Page - Analog Devices AD8592 Datasheet HTML 4Page - Analog Devices AD8592 Datasheet HTML 5Page - Analog Devices AD8592 Datasheet HTML 6Page - Analog Devices AD8592 Datasheet HTML 7Page - Analog Devices AD8592 Datasheet HTML 8Page - Analog Devices AD8592 Datasheet HTML 9Page - Analog Devices AD8592 Datasheet HTML 10Page - Analog Devices AD8592 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8591/AD8592/AD8594
Rev. B | Page 7 of 16
4
–2
3
2
1
0
–1
TEMPERATURE (°C)
–50
–35
85
5
–15
25
45
65
VS = 2.7V, 5V
VCM = VS/2
Figure 11. Input Offset Current vs. Temperature
5
1
0
234
8
7
1
5
4
3
2
6
COMMON-MODE VOLTAGE (V)
VS = 5V
TA = 25°C
Figure 12. Input Bias Current vs. Common-Mode Voltage
80
60
40
0
20
45
90
135
180
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
VS = 2.7V
RL = NO LOAD
TA = 25°C
Figure 13. Open-Loop Gain and Phase vs. Frequency
80
60
40
0
20
45
90
135
180
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
VS = 5V
RL = NO LOAD
TA = 25°C
Figure 14. Open-Loop Gain and Phase vs. Frequency
5
4
0
3
2
1
FREQUENCY (Hz)
1k
10k
100k
1M
10M
VS = 2.7V
RL = 2kΩ
TA = 25°C
VIN = 2.5V p-p
Figure 15. Closed-Loop Output Voltage Swing vs. Frequency
5
4
0
3
2
1
FREQUENCY (Hz)
1k
10k
100k
1M
10M
VS = 5V
RL = 2kΩ
TA = 25°C
VIN = 2.5V p-p
Figure 16. Closed-Loop Output Voltage Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com