Electronic Components Datasheet Search
  English  ▼

X  

AD8592 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8592
Description  CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8592 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8592 Datasheet HTML 8Page - Analog Devices AD8592 Datasheet HTML 9Page - Analog Devices AD8592 Datasheet HTML 10Page - Analog Devices AD8592 Datasheet HTML 11Page - Analog Devices AD8592 Datasheet HTML 12Page - Analog Devices AD8592 Datasheet HTML 13Page - Analog Devices AD8592 Datasheet HTML 14Page - Analog Devices AD8592 Datasheet HTML 15Page - Analog Devices AD8592 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD8591/AD8592/AD8594
Rev. B | Page 16 of 16
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 47. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8591ART-REEL
−40°C to +85°C
6-Lead SOT-23
RJ-6
A9A
AD8591ART-REEL7
−40°C to +85°C
6-Lead SOT-23
RJ-6
A9A
AD8591ARTZ-REEL1
−40°C to +85°C
6-Lead SOT-23
RJ-6
A9A#
AD8591ARTZ-REEL71
−40°C to +85°C
6-Lead SOT-23
RJ-6
A9A#
AD8592ARM-REEL
−40°C to +85°C
10-Lead MSOP
RM-10
AQA
AD8592ARMZ-REEL1
−40°C to +85°C
10-Lead MSOP
RM-10
AQA#
AD8594AR
−40°C to +85°C
16-Lead SOIC_N
R-16
AD8594AR-REEL
−40°C to +85°C
16-Lead SOIC_N
R-16
AD8594AR-REEL7
−40°C to +85°C
16-Lead SOIC_N
R-16
AD8594ARZ1
−40°C to +85°C
16-Lead SOIC_N
R-16
AD8594ARZ-REEL1
−40°C to +85°C
16-Lead SOIC_N
R-16
AD8594ARZ-REEL71
−40°C to +85°C
16-Lead SOIC_N
R-16
AD8594ARU-REEL
−40°C to +85°C
16-Lead TSSOP
RU-16
AD8594ARUZ-REEL1
−40°C to +85°C
16-Lead TSSOP
RU-16
1 Z = RoHS Compliant Part, # denotes RoHS compliant part may be top or bottom marked.
©2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D01106-0-1/09(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com