Electronic Components Datasheet Search
  English  ▼

X  

AD8592 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8592
Description  CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8592 Datasheet(HTML) 1 Page - Analog Devices

  AD8592 Datasheet HTML 1Page - Analog Devices AD8592 Datasheet HTML 2Page - Analog Devices AD8592 Datasheet HTML 3Page - Analog Devices AD8592 Datasheet HTML 4Page - Analog Devices AD8592 Datasheet HTML 5Page - Analog Devices AD8592 Datasheet HTML 6Page - Analog Devices AD8592 Datasheet HTML 7Page - Analog Devices AD8592 Datasheet HTML 8Page - Analog Devices AD8592 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CMOS Single-Supply, Rail-to-Rail Input/Output
Operational Amplifiers with Shutdown
AD8591/AD8592/AD8594
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Single-supply operation: 2.5 V to 6 V
High output current: ±250 mA
Extremely low shutdown supply current: 100 nA
Low supply current: 750 μA/Amp
Wide bandwidth: 3 MHz
Slew rate: 5 V/μs
No phase reversal
Very low input bias current
High impedance outputs when in shutdown mode
Unity-gain stable
APPLICATIONS
Mobile communication handset audio
PC audio
PCMCIA/modem line driving
Battery-powered instrumentation
Data acquisition
ASIC input or output amplifiers
LCD display reference level drivers
GENERAL DESCRIPTION
The AD8591, AD8592, and AD8594 are single, dual, and quad
rail-to-rail, input and output single-supply amplifiers featuring
250 mA output drive current and a power saving shutdown mode.
The AD8592 includes an independent shutdown function for
each amplifier. When both amplifiers are in shutdown mode,
the total supply current is reduced to less than 1 μA. The AD8591
and AD8594 include a single master shutdown function that
reduces the total supply current to less than 1 μA. All amplifier
outputs are in a high impedance state when in shutdown mode.
These amplifiers have very low input bias currents, making them
suitable for integrators and diode amplification. Outputs are stable
with virtually any capacitive load. Supply current is less than
750 μA per amplifier in active mode.
Applications for these amplifiers include audio amplification for
portable computers, portable phone headsets, sound ports, sound
cards, and set-top boxes. The AD859x family is capable of driving
heavy capacitive loads, such as LCD panel reference levels.
The ability to swing rail to rail at both the input and output enables
designers to buffer CMOS DACs, ASICs, and other wide output
swing devices in single-supply systems.
PIN CONFIGURATIONS
OUT A 1
V– 2
+IN A 3
V+
6
SD
5
–IN A
4
AD8591
TOP VIEW
(Not to Scale)
Figure 1. 6-Lead SOT-23 (RJ Suffix)
SDB
V–
+IN B
OUT A
–IN A
+IN A
V+
OUT B
–IN B
SDA
1
2
3
4
5
10
9
8
7
6
AD8592
TOP VIEW
(Not to Scale)
Figure 2. 10-Lead MSOP (RM Suffix)
OUT A
–IN A
V+
+IN A
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
SD
1
2
3
4
16
15
14
13
5
12
6
11
7
10
8
9
NC = NO CONNECT
AD8594
TOP VIEW
(Not to Scale)
Figure 3. 16-Lead Narrow SOIC (R Suffix)
OUT A
–IN A
V+
+IN A
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
SD
NC = NO CONNECT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD8594
TOP VIEW
(Not to Scale)
Figure 4. 16-Lead TSSOP (RU Suffix)
The AD8591, AD8592, and AD8594 are specified over the
industrial temperature range (−40°C to +85°C). The AD8591,
single, is available in the tiny 6-lead SOT-23 package. The AD8592,
dual, is available in the 10-lead surface-mount MSOP package. The
AD8594, quad, is available in 16-lead narrow SOIC and 16-lead
TSSOP packages.


Similar Part No. - AD8592

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8592 AD-AD8592 Datasheet
227Kb / 15P
CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV.A
AD8592 AD-AD8592 Datasheet
706Kb / 20P
Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
REV. D
AD8592 AD-AD8592 Datasheet
804Kb / 19P
Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
AD8592 AD-AD8592 Datasheet
407Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592ARM AD-AD8592ARM Datasheet
227Kb / 15P
CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV.A
More results

Similar Description - AD8592

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV.A
OP250 AD-OP250 Datasheet
209Kb / 16P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV.0
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8591 AD-AD8591_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com