Electronic Components Datasheet Search
  English  ▼

X  

MS4525 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MS4525
Description  PCB Mounted Pressure Transducers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS4525 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MS4525 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MS4525
MS4525
www.meas-spec.com
April 2012
4/13
CONNECTION DIAGRAM
Notes
1.
Place 1 0 0 nF capacit or bet ween Supply and GND t o within 2 cm of sensor .
PRESSURE AND TEMPERATURE TRANSFER FUNCTION
0.000
0.330
1.650
2.970
3.300
Pressure
0.165
3.135
A Type
B Type
0.000
0.500
2.500
4.500
5.000
Pressure
0.250
4.750
A Type
B Type
Output Voltage = __________________
80% *Supply Voltage
Pmax-Pmin
*
A Type:
Output Voltage = __________________
90% *Supply Voltage
Pmax-Pmin
*
+ 0.250
B Type:
+ 0.500
Output Voltage = __________________
80% *Supply Voltage
Pmax-Pmin
* (Pressureapplied
A Type:
Output Voltage = __________________
90% *Supply Voltage
Pmax-Pmin
*
+ 0.165
B Type:
- Pmin) + 0.330
(Pressure
applied - Pmin)
(Pressure
applied - Pmin)
(Pressure
applied - Pmin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com