Electronic Components Datasheet Search
  English  ▼

X  

MS4525 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MS4525
Description  PCB Mounted Pressure Transducers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS4525 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MS4525 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MS4525
MS4525
www.meas-spec.com
April 2012
1/13
PCB Mounted Pressure Transducers
Amplified Ratiometric Analog Output
Differential, Gage, Absolute &
Compound
Temperature Compensated
3.3 or 5.0 Vdc Supply Voltage
DESCRIPTION
The MS4525 is a small, ceramic based, PCB mounted pressure transducer from Measurement
Specialties. The transducer is built using Measurement Specialties’ proprietary UltraStable™ process and the
latest CMOS sensor conditioning circuitry to create a low cost, high performance transducer designed to meet
the strictest requirements from OEM customers.
The MS4525 is fully calibrated and temperature compensated with a total error band (TEB) of less than
1.0% over the compensated range. The sensor operates from single supply of either 3.3 or 5.0Vdc and requires
a single external component for proper operation.
The rugged ceramic transducer is available in side port, top port, and manifold mount and can measure
absolute, gauge, differential, or compound pressure from 1 to 150psi. The
1/8” barbed pressure ports mate
securely
with 3/32” ID tubing.
FEATURES
APPLICATIONS
PSI Pressure Ranges
Factory Automation
PCB Mountable
Altitude and Airspeed Measurements
High Level Analog Output
Medical Instruments
Barbed Pressure Ports
Leak Detection
STANDARD RANGES (PSI)
Pressure
Absolute
Gauge
Differential
Compound
1
DS, SS, TP, MM
DS, SS, TP
2
DS, SS, TP, MM
DS, SS, TP
5
DS, SS, TP, MM
DS, SS, TP
15
SS, TP
DS, SS, TP, MM
DS, MM
SS, TP
30
SS, TP
DS, SS, TP, MM
DS, MM
SS, TP
50
SS, TP
DS, SS, TP, MM
DS, MM
SS, TP
100
SS, TP
DS, SS, TP, MM
DS, MM
SS, TP
150
SS, TP
DS, SS, TP, MM
DS, MM
SS, TP
See Package Configurations: DS= Dual Side Port, SS= Single Side Port, TP= Top Port, MM= Manifold Mount
Pin Style “L” is only available SS and MM port types.


Similar Part No. - MS4525

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS4525 TEC-MS4525 Datasheet
412Kb / 15P
Amplified Ratiometric Analog Output
MS4525 TEC-MS4525 Datasheet
595Kb / 16P
MS4525 SPECIFICATIONS
04/2019
logo
List of Unclassifed Man...
MS4525DO ETC2-MS4525DO Datasheet
409Kb / 19P
PCB Mounted Digital Output Transducer
logo
TE Connectivity Ltd
MS4525DO TEC-MS4525DO Datasheet
501Kb / 17P
Combination Temperature and Pressure
MS4525DO TEC-MS4525DO Datasheet
901Kb / 19P
PCB Mounted Digital Output Transducer
04/2019
More results

Similar Description - MS4525

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
ASDXL05D44D SENSORTECHNICS-ASDXL05D44D Datasheet
50Kb / 4P
Pressure transducers
logo
List of Unclassifed Man...
MS4515 ETC2-MS4515 Datasheet
250Kb / 13P
PCB Mounted Pressure Transducers
logo
Copal Electronics
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
PRESSURE TRANSDUCERS
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
PRESSURE TRANSDUCERS
P-8300 COPAL-P-8300 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
PRESSURE TRANSDUCERS
logo
TE Connectivity Ltd
MS4515 TEC-MS4515 Datasheet
414Kb / 15P
PCB Mounted Pressure Transducers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com