Electronic Components Datasheet Search
  English  ▼

X  

MS4525 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MS4525
Description  PCB Mounted Pressure Transducers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS4525 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MS4525 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 9Page - List of Unclassifed Manufacturers MS4525 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MS4525
MS4525
www.meas-spec.com
April 2012
6/13
Pin Name
Pin
Function
SUPPLY
2
Positive Supply Voltage
OUTPUT
3
Analog Output
GND
4
Ground
1, 5-8
No Connection
Pressure Type
Pmin
Pmax
Description
Absolute
0psiA
+Prange
Output is proportional to the difference between 0psiA (Pmin) and pressure applied
to Port 1.
Differential/
Bidirectional
-Prange
+Prange
Output is proportional to the difference between Port 1 and Port 2. Output swings
positive when Port 1> Port 2. Output is 50% of supply voltage when Port 1=Port 2.
Gauge
0psiG
+Prange
Output is proportional to the difference between 0psiG (Pmin) and Port 1. Output
swings positive when Port 1> Port 2.
Compound
-15psiG
+Prange
Output is proportional to the difference between -15psiG pressure (Pmin) and
pressure applied to Port 1.
Prange is equal to the maximum full scale pressure specified in the ordering information.
WETTED MATERIAL BY PORT DESIGNATION
Material
Style
Port
PPS
Ceramic
Silicon
Pyrex
RTV
Gold
Aluminum
Epoxy
DS, MM
Port 1
X
X
X
X
X
X
Port 2
X
X
X
X
X
X
X
X
SS, TP
Port 1
X
X
X
X
X
X
X
X
"X" Indicates Wetted Material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com