Electronic Components Datasheet Search
  English  ▼

X  

OP215GS Datasheet(PDF) 4 Page - Analog Devices

Part # OP215GS
Description  Dual Precision JFET-Input Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP215GS Datasheet(HTML) 4 Page - Analog Devices

  OP215GS Datasheet HTML 1Page - Analog Devices OP215GS Datasheet HTML 2Page - Analog Devices OP215GS Datasheet HTML 3Page - Analog Devices OP215GS Datasheet HTML 4Page - Analog Devices OP215GS Datasheet HTML 5Page - Analog Devices OP215GS Datasheet HTML 6Page - Analog Devices OP215GS Datasheet HTML 7Page - Analog Devices OP215GS Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. A
OP215
–4–
ORDERING INFORMATION
1
Package
Temperature
TA = 25
∞C,
Model
Type
Range
VOS Max (mV)
OP215EZ
2
8-Lead CerDIP
COM
1.0
OP215GP
2
8-Lead Plastic DIP
XIND
6.0
For military processed devices, please refer to the standard microcircuit drawing
(SMD) available at www.dscc.dla.mil/programs/milspec/default.asp
SMD Part Number
ADI Equivalent
5962-8853801GA
2
OP215AJMDA
5962-8853801PA
OP215AZMDA
5962-8838032A
2
OP215BRCMDA
NOTES
1Burn-in is available on commercial and industrial temperature range parts in CerDIP and plastic
DIP packages.
2Not for new design, obsolete April 2002.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP215 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage
OP215E, OP215G . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Operating Temperature Range
OP215E . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0
∞C to +70∞C
OP215G . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
∞C to +85∞C
Maximum Junction Temperature (Tj) . . . . . . . . . . . . . . 150
∞C
Differential Input Voltage
OP215E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±40 V
OP215G . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Input Voltage
2
OP215E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20 V
OP215G . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±16 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . 300
∞C
Junction Temperature (Tj) . . . . . . . . . . . . . –65
∞C to +150∞C
NOTES
1Absolute maximum ratings apply to packaged parts, unless otherwise noted.
2Unless otherwise specified, the absolute maximum negative input voltage is equal
to one volt more positive than the negative power supply voltage.
Package Type
JA *
JC
Unit
8-Lead Hermetic DIP (Z)
134
12
∞C/W
8-Lead Plastic DIP (P)
96
37
∞C/W
* JA is specified for worst-case mounting conditions, i.e., JA is specified for
device in socket for CerDIP and P-DIP packages.
PIN CONFIGURATION
8
7
6
5
1
2
3
4
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
– +
–
+
AB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com