Electronic Components Datasheet Search
  English  ▼

X  

OP215GS Datasheet(PDF) 5 Page - Analog Devices

Part # OP215GS
Description  Dual Precision JFET-Input Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP215GS Datasheet(HTML) 5 Page - Analog Devices

  OP215GS Datasheet HTML 1Page - Analog Devices OP215GS Datasheet HTML 2Page - Analog Devices OP215GS Datasheet HTML 3Page - Analog Devices OP215GS Datasheet HTML 4Page - Analog Devices OP215GS Datasheet HTML 5Page - Analog Devices OP215GS Datasheet HTML 6Page - Analog Devices OP215GS Datasheet HTML 7Page - Analog Devices OP215GS Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. A
–5–
Typical Performance Characteristics–OP215
10
0%
100
90
500ns
5V
TPC 1. Large-Signal Transient
Response
FREQUENCY – Hz
90
1M
10M
100M
16
14
12
10
8
6
4
2
0
–2
–4
–6
–8
–10
100
110
120
130
140
150
160
170
180
190
200
18
PHASE MARGIN = 66
AV > 10
AV = 1
VS = 15V
TA = 25 C
TPC 4. Closed-Loop Bandwidth and
Phase Shift vs. Frequency
FREQUENCY – Hz
28
100K
24
20
16
12
8
4
0
1M
10M
VS = 15V
TA = 25 C
AV = 1
TPC 7. Maximum Output Swing vs.
Frequency
10
0%
100
90
100ns
20mV
TPC 2. Small-Signal Transient
Response
TEMPERATURE – C
28
–50
VS = 15V
BANDWIDTH VARIATION FROM
5 < VS <
20V IS < 5%
CLOSED-LOOP
BANDWIDTH AV = 1
GAIN BANDWIDTH
PRODUCT
24
20
16
12
8
4
0
–25
0
25
50
75
100
125
TPC 5. Bandwidth vs. Temperature
AMBIENT TEMPERATURE – C
70
–50
AV = 1
VS = 15V
NEGATIVE
60
50
40
30
20
10
0
–25
0
25
50
75
100
125
POSITIVE
TPC 8. Slew Rate vs. Temperature
SETTLING TIME –
s
10
0
5
0
–5
–10
0.5
1.0
1.5
2.0
2.5
VS = 15V
TA = 25 C
AV = –1
10mV
5mV
1mV
10mV
5mV
1mV
TPC 3. Settling Time
FREQUENCY – Hz
120
1
80
60
40
20
0
-20
10
100
1k
10k 100k 1M 10M
100
100M
VS = 15V
TA = 25 C
TPC 6. Open-Loop Frequency
Response
FREQUENCY– Hz
100
1
80
60
40
20
0
10
100
1k
10k 100k 1M
10M 100M
VS = 15V
TA = 25 C
TPC 9. Common-Mode Rejection
Ratio vs. Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com