Electronic Components Datasheet Search
  English  ▼

X  

OP215GS Datasheet(PDF) 6 Page - Analog Devices

Part # OP215GS
Description  Dual Precision JFET-Input Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP215GS Datasheet(HTML) 6 Page - Analog Devices

  OP215GS Datasheet HTML 1Page - Analog Devices OP215GS Datasheet HTML 2Page - Analog Devices OP215GS Datasheet HTML 3Page - Analog Devices OP215GS Datasheet HTML 4Page - Analog Devices OP215GS Datasheet HTML 5Page - Analog Devices OP215GS Datasheet HTML 6Page - Analog Devices OP215GS Datasheet HTML 7Page - Analog Devices OP215GS Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. A
OP215
–6–
BASIC CONNECTIONS
2k
0.1%
+15V
–15V
5k
0.1%
SCOPE
2k
2N4416
5k
0.1%
SUMMING
MODE
2k
0.1%
2
3
OP215
A
100pF
3k
AV = –1
+15V
VOUT
2N4416
0
10V
4
8
1
Figure 2. Settling Time Test Circuit
OP215
A
+15V
8
4
–15V
2k
100pF
VOUT
1
VIN
2
3
+5V
–5V
0V
Figure 3. Slew Rate Test Circuit
FREQUENCY – Hz
120
10
110
100
90
80
70
60
50
40
30
20
10
0
100
1k
10k
100k
1M
10M
TA = 25 C
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
TPC 10. Power Supply Rejection vs.
Frequency
FREQUENCY – Hz
100
1k
10
1
0.1
10k
100k
1M
10M
VS = 15V
TA = 25 C
AV = 100
AV = 10
AV = 1
TPC 11. Output Impedance vs.
Frequency
FREQUENCY – Hz
140
1
120
100
80
60
40
20
0
10
100
1k
10k
VS = 15V
TS = 25 C
1/f CORNER
FREQUENCY
TPC 12. Voltage Noise Density vs.
Frequency
OP215
A
OUT A
V–
V+
–IN
+IN
Rp
100k
NOTE
VOS CAN BE TRIMMED WITH POTENTIOMETERS RANGING FROM
10 k
TO 1 M . FOR MOST UNITS TCVOS WILL BE MINIMUM WHEN
VOS IS ADJUSTED WITH A 100k POTENTIOMETER.
Figure 4. Input Offset Voltage Nulling



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com