| Electronic Components Datasheet Search |
|
OP27GS Datasheet(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP27GS Datasheet(HTML) 15 Page - Analog Devices |
|
15 / 20 page ![]() OP27 Rev. F | Page 15 of 20 COMMENTS ON NOISE The OP27 is a very low noise, monolithic op amp. The out- standing input voltage noise characteristics of the OP27 are achieved mainly by operating the input stage at a high quiescent current. The input bias and offset currents, which would normally increase, are held to reasonable values by the input bias current cancellation circuit. The OP27A/E has IB and IOS of only ±40 nA and 35 nA at 25°C respectively. This is particularly important when the input has a high source resistance. In addition, many audio amplifier designers prefer to use direct coupling. The high IB, VOS, and TCVOS of previous designs have made direct coupling difficult, if not impossible, to use. Voltage noise is inversely proportional to the square root of bias current, but current noise is proportional to the square root of bias current. The noise advantage of the OP27 disappears when high source resistors are used. Figure 38, Figure 39, Figure 40 compare the observed total noise of the OP27 with the noise performance of other devices in different circuit applications. 2 / 1 2 2 2 ) ( ) ( ) ( ⎥ ⎥ ⎥ ⎥ ⎦ ⎤ ⎢ ⎢ ⎢ ⎢ ⎣ ⎡ + × + = Noise Resistor R Noise Current Noise Voltage Noise Total S Figure 38 shows noise vs. source resistance at 1000 Hz. The same plot applies to wideband noise. To use this plot, multiply the vertical scale by the square root of the bandwidth. RS—SOURCE RESISTANCE (Ω) 10 50 10k 5 500 1k 5k 1 100 50 100 50k RS1 RS2 OP07 5534 OP27/37 REGISTER NOISE ONLY OP08/108 1 2 1 RS UNMATCHED e.g. RS =RS1 = 10kΩ,R S2 = 0 2 RS MATCHED e.g. RS = 10kΩ,R S1 =RS2 = 5kΩ Figure 38. Noise vs. Source Resistance (Including Resistor Noise) at 1000 Hz At RS < 1 kΩ, the low voltage noise of the OP27 is maintained. With RS < 1 kΩ, total noise increases but is dominated by the resistor noise rather than current or voltage noise. lt is only beyond RS of 20 kΩ that current noise starts to dominate. The argument can be made that current noise is not important for applications with low-to-moderate source resistances. The crossover between the OP27 and OP07 noise occurs in the 15 kΩ to 40 kΩ region. Figure 39 shows the 0.1 Hz to 10 Hz p-p noise. Here the picture is less favorable; resistor noise is negligible and current noise becomes important because it is inversely proportional to the square root of frequency. The crossover with the OP07 occurs in the 3 kΩ to 5 kΩ range depending on whether balanced or unbalanced source resistors are used (at 3 kΩ the IB and IOS error also can be 3× the VOS spec). RS—SOURCE RESISTANCE (Ω) 100 50 10k 50 500 1k 5k 10 1k 500 100 50k RS1 RS2 1 RS UNMATCHED e.g. RS =RS1 = 10kΩ,R S2 = 0 2 RS MATCHED e.g. RS = 10kΩ,R S1 =RS2 = 5kΩ OP07 5534 OP27/37 REGISTER NOISE ONLY OP08/108 1 2 Figure 39. Peak-to-Peak Noise (0.1 Hz to 10 Hz) as Source Resistance (Includes Resistor Noise) For low frequency applications, the OP07 is better than the OP27/OP37 when RS > 3 kΩ. The only exception is when gain error is important. Figure 40 illustrates the 10 Hz noise. As expected, the results are between the previous two figures. 10 50 10k 5 500 1k 5k 1 100 50 100 50k OP07 5534 OP27/37 REGISTER NOISE ONLY OP08/108 RS1 RS2 1 RS UNMATCHED e.g. RS =RS1 = 10kΩ,R S2 = 0 2 RS MATCHED e.g. RS = 10kΩ,R S1 =RS2 = 5kΩ 1 2 RS—SOURCE RESISTANCE (Ω) Figure 40. 10 Hz Noise vs. Source Resistance (Includes Resistor Noise) Audio Applications |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |