Electronic Components Datasheet Search
  English  ▼

X  

OP27GS Datasheet(PDF) 3 Page - Analog Devices

Part # OP27GS
Description  Low Noise, Precision Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27GS Datasheet(HTML) 3 Page - Analog Devices

  OP27GS Datasheet HTML 1Page - Analog Devices OP27GS Datasheet HTML 2Page - Analog Devices OP27GS Datasheet HTML 3Page - Analog Devices OP27GS Datasheet HTML 4Page - Analog Devices OP27GS Datasheet HTML 5Page - Analog Devices OP27GS Datasheet HTML 6Page - Analog Devices OP27GS Datasheet HTML 7Page - Analog Devices OP27GS Datasheet HTML 8Page - Analog Devices OP27GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
OP27
Rev. F | Page 3 of 20
GENERAL DESCRIPTION
(Continued from Page 1)
PSRR and CMRR exceed 120 dB. These characteristics, coupled
with long-term drift of 0.2 μV/month, allow the circuit designer
to achieve performance levels previously attained only by
discrete designs.
Low cost, high volume production of OP27 is achieved by
using an on-chip Zener zap-trimming network. This reliable
and stable offset trimming scheme has proven its effectiveness
over many years of production history.
The OP27 provides excellent performance in low noise,
high accuracy amplification of low level signals. Applications
include stable integrators, precision summing amplifiers,
precision voltage threshold detectors, comparators, and
professional audio circuits such as tape heads and micro-
phone preamplifiers.
The OP27 is a direct replacement for OP06, OP07, and OP45
amplifiers; AD741 types can be directly replaced by removing
the nulling potentiometer of the AD741.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com