| Electronic Components Datasheet Search |
|
OP27GS Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP27GS Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 20 page ![]() OP27 Rev. F | Page 16 of 20 For reference, typical source resistances of some signal sources are listed in Table 7. Table 7. Device Source Impedance Comments Strain Gauge <500 Ω Typically used in low frequency applications. Magnetic Tape Head <1500 Ω Low is very important to reduce self-magnetization problems when direct coupling is used. OP27 IB can be neglected. Magnetic Phonograph Cartridges <1500 Ω Similar need for low IB in direct coupled applications. OP27 does not introduce any self- magnetization problems. Linear Variable Differential Transformer <1500 Ω Used in rugged servo-feedback applications. Bandwidth of interest is 400 Hz to 5 kHz. Table 8. Open-Loop Gain Frequency OP07 OP27 OP37 @ 3 Hz 100 dB 124 dB 125 dB @ 10 Hz 100 dB 120 dB 125 dB @ 30 Hz 90 dB 110 dB 124 dB AUDIO APPLICATIONS Figure 41 is an example of a phono pre-amplifier circuit using the OP27 for A1; R1-R2-C1-C2 form a very accurate RIAA network with standard component values. The popular method to accomplish RIAA phono equalization is to employ frequency dependent feedback around a high quality gain block. Properly chosen, an RC network can provide the three necessary time constants of 3180 μs, 318 μs, and 75 μs. For initial equalization accuracy and stability, precision metal film resistors and film capacitors of polystyrene or polypro- pylene are recommended because they have low voltage coefficients, dissipation factors, and dielectric absorption. (high-k ceramic capacitors should be avoided here, though low-k ceramics, such as NPO types that have excellent dissipation factors and somewhat lower dielectric absorption, can be considered for small values.) CA 150pF A1 OP27 RA 47.5kΩ MOVING MAGNET CARTRIDGE INPUT ++ C4 (2) 220µF C1 0.03µF C2 0.01µF C3 0.47µF LF ROLLOFF OUT IN OUTPUT R5 100kΩ R4 75kΩ R1 97.6kΩ R2 7.87kΩ R3 100Ω G = 1kHz GAIN = 0.101 ( 1 + ) R1 R3 = 98.677 (39.9dB) AS SHOWN 2 6 3 Figure 41. Phono Preamplifier Circuit The OP27 brings a 3.2 nV/√Hz voltage noise and 0.45 pA/√Hz current noise to this circuit. To minimize noise from other sources, R3 is set to a value of 100 Ω, generating a voltage noise of 1.3 nV/√Hz. The noise increases the 3.2 nV/√Hz of the amplifier by only 0.7 dB. With a 1 kΩ source, the circuit noise measures 63 dB below a 1 mV reference level, unweighted, in a 20 kHz noise bandwidth. Gain (G) of the circuit at 1 kHz can be calculated by the expression: ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + = R3 R1 G 1 101 . 0 For the values shown, the gain is just under 100 (or 40 dB). Lower gains can be accommodated by increasing R3, but gains higher than 40 dB show more equalization errors because of the 8 MHz gain bandwidth of the OP27. This circuit is capable of very low distortion over its entire range, generally below 0.01% at levels up to 7 V rms. At 3 V output levels, it produces less than 0.03% total harmonic distortion at frequencies up to 20 kHz. Capacitor C3 and Resistor R4 form a simple −6 dB per octave rumble filter, with a corner at 22 Hz. As an option, the switch selected Shunt Capacitor C4, a nonpolarized electrolytic, bypasses the low frequency roll-off. Placing the rumble filter’s high-pass action after the preamplifier has the desirable result of discriminating against the RIAA-amplified low frequency noise components and pickup produced low frequency disturbances. A preamplifier for NAB tape playback is similar to an RIAA phono preamplifier, though more gain is typically demanded, along with equalization requiring a heavy low frequency boost. The circuit in Figure 41 can be readily modified for tape use, as shown by Figure 42. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |