Electronic Components Datasheet Search
  English  ▼

X  

TQ100 Datasheet(PDF) 67 Page - Actel Corporation

Part # TQ100
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

TQ100 Datasheet(HTML) 67 Page - Actel Corporation

Back Button TQ100 Datasheet HTML 63Page - Actel Corporation TQ100 Datasheet HTML 64Page - Actel Corporation TQ100 Datasheet HTML 65Page - Actel Corporation TQ100 Datasheet HTML 66Page - Actel Corporation TQ100 Datasheet HTML 67Page - Actel Corporation TQ100 Datasheet HTML 68Page - Actel Corporation TQ100 Datasheet HTML 69Page - Actel Corporation TQ100 Datasheet HTML 70Page - Actel Corporation TQ100 Datasheet HTML 71Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 108 page
background image
SX-A Family FPGAs
v5.3
2-47
tQCKH
Input Low to High (100% Load)
(Pad to R-cell Input)
1.7
1.9
2.2
2.5
3.5
ns
tQCHKL
Input High to Low (100% Load)
(Pad to R-cell Input)
1.7
2
2.2
2.6
3.6
ns
tQPWH
Minimum Pulse Width High
1.5
1.7
2.0
2.3
3.2
ns
tQPWL
Minimum Pulse Width Low
1.5
1.7
2.0
2.3
3.2
ns
tQCKSW
Maximum Skew (Light Load)
0.2
0.3
0.3
0.3
0.5
ns
tQCKSW
Maximum Skew (50% Load)
0.4
0.5
0.5
0.6
0.9
ns
tQCKSW
Maximum Skew (100% Load)
0.4
0.5
0.5
0.6
0.9
ns
Table 2-37 • A54SX72A Timing Characteristics (Continued)
(Worst-Case Commercial Conditions VCCA = 2.25 V, VCCI = 3.0 V, TJ = 70°C)
Parameter
Description
–3 Speed*
–2 Speed
–1 Speed
Std. Speed
–F Speed
Units
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
Note: *All –3 speed grades have been discontinued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com