Electronic Components Datasheet Search
  English  ▼

X  

TQ100 Datasheet(PDF) 22 Page - Actel Corporation

Part # TQ100
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

TQ100 Datasheet(HTML) 22 Page - Actel Corporation

Back Button TQ100 Datasheet HTML 18Page - Actel Corporation TQ100 Datasheet HTML 19Page - Actel Corporation TQ100 Datasheet HTML 20Page - Actel Corporation TQ100 Datasheet HTML 21Page - Actel Corporation TQ100 Datasheet HTML 22Page - Actel Corporation TQ100 Datasheet HTML 23Page - Actel Corporation TQ100 Datasheet HTML 24Page - Actel Corporation TQ100 Datasheet HTML 25Page - Actel Corporation TQ100 Datasheet HTML 26Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 108 page
background image
SX-A Family FPGAs
2- 2
v5.3
Electrical Specifications
Table 2-5 • 3.3 V LVTTL and 5 V TTL Electrical Specifications
Symbol
Parameter
Commercial
Industrial
Min.
Max.
Min.
Max.
Units
VOH
VCCI = Minimum
VI = VIH or VIL
(IOH = –1 mA)
0.9 VCCI
0.9 VCCI
V
VCCI = Minimum
VI = VIH or VIL
(IOH = –8 mA)
2.4
2.4
V
VOL
VCCI = Minimum
VI = VIH or VIL
(IOL= 1 mA)
0.4
0.4
V
VCCI = Minimum
VI = VIH or VIL
(IOL= 12 mA)
0.4
0.4
V
VIL
Input Low Voltage
0.8
0.8
V
VIH
Input High Voltage
2.0
5.75
2.0
5.75
V
IIL/IIH
Input Leakage Current, VIN = VCCI or GND
–10
10
–10
10
µA
IOZ
Tristate Output Leakage Current
–10
10
–10
10
µA
tR, tF
Input Transition Time tR, tF
10
10
ns
CIO
I/O Capacitance
10
10
pF
ICC
Standby Current
10
20
mA
IV Curve* Can be derived from the IBIS model on the web.
Note: *The IBIS model can be found at http://www.actel.com/download/ibis/default.aspx.
Table 2-6 • 2.5 V LVCMOS2 Electrical Specifications
Symbol
Parameter
Commercial
Industrial
Min.
Max.
Min.
Max.
Units
VOH
VDD = MIN,
VI = VIH or VIL
(IOH = –100 μA)
2.1
2.1
V
VDD = MIN,
VI = VIH or VIL
(IOH = –1 mA)
2.0
2.0
V
VDD = MIN,
VI = VIH or VIL
(IOH =–-2 mA)
1.7
1.7
V
VOL
VDD = MIN,
VI = VIH or VIL
(IOL= 100 μA)
0.2
0.2
V
VDD = MIN,
VI = VIH or VIL
(IOL= 1 mA)
0.4
0.4
V
VDD = MIN,
VI = VIH or VIL
(IOL= 2 mA)
0.7
0.7
V
VIL
Input Low Voltage, VOUT ≤ VVOL(max)
-0.3
0.7
-0.3
0.7
V
VIH
Input High Voltage, VOUT ≥ VVOH(min)
1.75.751.7
5.75
V
IIL/IIH
Input Leakage Current, VIN = VCCI or GND
–10
10
–10
10
µA
IOZ
Tristate Output Leakage Current, VOUT = VCCI or GND
–10
10
–10
10
µA
tR, tF
Input Transition Time tR, tF
10
10
ns
CIO
I/O Capacitance
10
10
pF
ICC
Standby Current
10
20
mA
IV Curve* Can be derived from the IBIS model on the web.
Note: *The IBIS model can be found at http://www.actel.com/download/ibis/default.aspx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com