Electronic Components Datasheet Search
  English  ▼

X  

TQ100 Datasheet(PDF) 47 Page - Actel Corporation

Part # TQ100
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

TQ100 Datasheet(HTML) 47 Page - Actel Corporation

Back Button TQ100 Datasheet HTML 43Page - Actel Corporation TQ100 Datasheet HTML 44Page - Actel Corporation TQ100 Datasheet HTML 45Page - Actel Corporation TQ100 Datasheet HTML 46Page - Actel Corporation TQ100 Datasheet HTML 47Page - Actel Corporation TQ100 Datasheet HTML 48Page - Actel Corporation TQ100 Datasheet HTML 49Page - Actel Corporation TQ100 Datasheet HTML 50Page - Actel Corporation TQ100 Datasheet HTML 51Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
SX-A Family FPGAs
v5.3
2-27
tINYH
Input Data Pad to Y High 5 V PCI
0.5
0.5
0.6
0.7
0.9
ns
tINYL
Input Data Pad to Y Low 5 V PCI
0.7
0.8
0.9
1.1
1.5
ns
tINYH
Input Data Pad to Y High 5 V TTL
0.5
0.5
0.6
0.7
0.9
ns
tINYL
Input Data Pad to Y Low 5 V TTL
0.7
0.8
0.9
1.1
1.5
ns
Input Module Predicted Routing Delays2
tIRD1
FO = 1 Routing Delay
0.3
0.3
0.3
0.4
0.6
ns
tIRD2
FO = 2 Routing Delay
0.4
0.5
0.5
0.6
0.8
ns
tIRD3
FO = 3 Routing Delay
0.5
0.6
0.7
0.8
1.1
ns
tIRD4
FO = 4 Routing Delay
0.7
0.8
0.9
1.0
1.4
ns
tIRD8
FO = 8 Routing Delay
1.2
1.4
1.5
0.8
2.5
ns
tIRD12
FO = 12 Routing Delay
1.7
2.0
2.2
2.6
3.6
ns
Table 2-21 • A54SX16A Timing Characteristics (Continued)
(Worst-Case Commercial Conditions, VCCA = 2.25 V, VCCI = 3.0 V, TJ = 70°C)
Parameter
Description
–3 Speed1
–2 Speed
–1 Speed
Std. Speed
–F Speed
Units
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
Notes:
1. All –3 speed grades have been discontinued.
2. For dual-module macros, use tPD + tRD1 + tPDn , tRCO + tRD1 + tPDn , or tPD1 + tRD1 + tSUD , whichever is appropriate.
3. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device
performance. Post-route timing analysis or simulation is required to determine actual performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com