Electronic Components Datasheet Search
  English  ▼

X  

FG324 Datasheet(PDF) 72 Page - Microsemi Corporation

Part # FG324
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG324 Datasheet(HTML) 72 Page - Microsemi Corporation

Back Button FG324 Datasheet HTML 68Page - Microsemi Corporation FG324 Datasheet HTML 69Page - Microsemi Corporation FG324 Datasheet HTML 70Page - Microsemi Corporation FG324 Datasheet HTML 71Page - Microsemi Corporation FG324 Datasheet HTML 72Page - Microsemi Corporation FG324 Datasheet HTML 73Page - Microsemi Corporation FG324 Datasheet HTML 74Page - Microsemi Corporation FG324 Datasheet HTML 75Page - Microsemi Corporation FG324 Datasheet HTML 76Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-56
Revision 13
Table 2-73 • 2.5 V LVCMOS Low Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.54
5.27
0.04
1.17
0.38
5.37
4.68
2.03
1.79
7.38
6.69
ns
–1
0.46
4.49
0.03
0.99
0.33
4.57
3.98
1.73
1.52
6.28
5.69
ns
6 mA
Std.
0.54
4.32
0.04
1.17
0.38
4.40
4.03
2.33
2.35
6.42
6.04
ns
–1
0.46
3.68
0.03
0.99
0.33
3.75
3.43
1.98
2.00
5.46
5.14
ns
8 mA
Std.
0.54
4.32
0.04
1.17
0.38
4.40
4.03
2.33
2.35
6.42
6.04
ns
–1
0.46
3.68
0.03
0.99
0.33
3.75
3.43
1.98
2.00
5.46
5.14
ns
12 mA
Std.
0.54
3.66
0.04
1.17
0.38
3.73
3.56
2.54
2.71
5.74
5.57
ns
–1
0.46
3.12
0.03
0.99
0.33
3.17
3.03
2.16
2.30
4.89
4.74
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-74 • 2.5 V LVCMOS High Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.54
2.60
0.04
1.17
0.38
2.65
2.39
2.03
1.87
4.66
4.40
ns
–1
0.46
2.21
0.03
0.99
0.33
2.25
2.03
1.72
1.59
3.96
3.74
ns
6 mA
Std.
0.54
2.10
0.04
1.17
0.38
2.14
1.83
2.33
2.44
4.16
3.84
ns
–1
0.46
1.79
0.03
0.99
0.33
1.82
1.56
1.98
2.07
3.54
3.27
ns
8 mA
Std.
0.54
2.10
0.04
1.17
0.38
2.14
1.83
2.33
2.44
4.16
3.84
ns
–1
0.46
1.79
0.03
0.99
0.33
1.82
1.56
1.98
2.07
3.54
3.27
ns
12 mA
Std.
0.54
1.86
0.04
1.17
0.38
1.90
1.55
2.54
2.80
3.91
3.57
ns
–1
0.46
1.59
0.03
0.99
0.33
1.61
1.32
2.16
2.38
3.33
3.03
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com