Electronic Components Datasheet Search
  English  ▼

X  

FG324 Datasheet(PDF) 90 Page - Microsemi Corporation

Part # FG324
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG324 Datasheet(HTML) 90 Page - Microsemi Corporation

Back Button FG324 Datasheet HTML 86Page - Microsemi Corporation FG324 Datasheet HTML 87Page - Microsemi Corporation FG324 Datasheet HTML 88Page - Microsemi Corporation FG324 Datasheet HTML 89Page - Microsemi Corporation FG324 Datasheet HTML 90Page - Microsemi Corporation FG324 Datasheet HTML 91Page - Microsemi Corporation FG324 Datasheet HTML 92Page - Microsemi Corporation FG324 Datasheet HTML 93Page - Microsemi Corporation FG324 Datasheet HTML 94Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-74
Revision 13
Table 2-109 • 1.5 V LVCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.4 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.70
8.00
0.05
1.18
0.50
8.15
7.01
3.06
2.38
10.16
9.02
ns
–1
0.60
6.80
0.04
1.00
0.43
6.93
5.96
2.60
2.02
8.64
7.68
ns
4 mA
Std.
0.70
6.91
0.05
1.18
0.50
7.04
6.21
3.37
2.94
9.05
8.22
ns
–1
0.60
5.88
0.04
1.00
0.43
5.99
5.28
2.87
2.50
7.70
7.00
ns
6 mA
Std.
0.70
6.51
0.05
1.18
0.50
6.63
6.05
3.45
3.09
8.64
8.06
ns
–1
0.60
5.54
0.04
1.00
0.43
5.64
5.15
2.93
2.63
7.35
6.86
ns
8 mA
Std.
0.70
6.41
0.05
1.18
0.50
6.53
6.11
3.56
3.64
8.54
8.12
ns
–1
0.60
5.45
0.04
1.00
0.43
5.56
5.20
3.03
3.10
7.27
6.91
ns
12 mA
Std.
0.70
6.41
0.05
1.18
0.50
6.53
6.11
3.56
3.64
8.54
8.12
ns
–1
0.60
5.45
0.04
1.00
0.43
5.56
5.20
3.03
3.10
7.27
6.91
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-110 • 1.5 V LVCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.4 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.70
3.26
0.05
1.30
0.50
3.32
3.11
3.05
2.49
5.33
5.12
ns
–1
0.60
2.77
0.04
1.10
0.43
2.82
2.64
2.59
2.12
4.53
4.36
ns
4 mA
Std.
0.70
2.84
0.05
1.30
0.50
2.89
2.57
3.37
3.06
4.90
4.59
ns
–1
0.60
2.41
0.04
1.10
0.43
2.46
2.19
2.86
2.60
4.17
3.90
ns
6 mA
Std.
0.70
2.76
0.05
1.30
0.50
2.81
2.47
3.44
3.21
4.82
4.48
ns
–1
0.60
2.35
0.04
1.10
0.43
2.39
2.10
2.92
2.73
4.10
3.81
ns
8 mA
Std.
0.70
2.74
0.05
1.30
0.50
2.79
2.36
3.55
3.78
4.80
4.37
ns
–1
0.60
2.33
0.04
1.10
0.43
2.37
2.01
3.02
3.22
4.08
3.72
ns
12 mA
Std.
0.70
2.74
0.05
1.30
0.50
2.79
2.36
3.55
3.78
4.80
4.37
ns
–1
0.60
2.33
0.04
1.10
0.43
2.37
2.01
3.02
3.22
4.08
3.72
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com