Electronic Components Datasheet Search
  English  ▼

X  

FG324 Datasheet(PDF) 91 Page - Microsemi Corporation

Part # FG324
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG324 Datasheet(HTML) 91 Page - Microsemi Corporation

Back Button FG324 Datasheet HTML 87Page - Microsemi Corporation FG324 Datasheet HTML 88Page - Microsemi Corporation FG324 Datasheet HTML 89Page - Microsemi Corporation FG324 Datasheet HTML 90Page - Microsemi Corporation FG324 Datasheet HTML 91Page - Microsemi Corporation FG324 Datasheet HTML 92Page - Microsemi Corporation FG324 Datasheet HTML 93Page - Microsemi Corporation FG324 Datasheet HTML 94Page - Microsemi Corporation FG324 Datasheet HTML 95Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
2-75
Table 2-111 • 1.5 V LVCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.4 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.70
7.32
0.05
1.17
0.50
7.45
6.38
2.44
2.18
9.46
8.40
ns
–1
0.60
6.22
0.04
0.99
0.43
6.34
5.43
2.08
1.86
8.05
7.14
ns
4 mA
Std.
0.70
6.29
0.05
1.17
0.50
6.40
5.65
2.73
2.70
8.42
7.67
ns
–1
0.60
5.35
0.04
0.99
0.43
5.45
4.81
2.33
2.29
7.16
6.52
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-112 • 1.5 V LVCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.4 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.70
2.90
0.05
1.28
0.50
2.95
2.63
2.44
2.29
4.97
4.64
ns
–1
0.60
2.47
0.04
1.09
0.43
2.51
2.24
2.07
1.95
4.23
3.95
ns
4 mA
Std.
0.70
2.52
0.05
1.28
0.50
2.57
2.14
2.73
2.82
4.58
4.15
ns
–1
0.60
2.15
0.04
1.09
0.43
2.19
1.82
2.32
2.40
3.90
3.53
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com