Electronic Components Datasheet Search
  English  ▼

X  

TQ176 Datasheet(PDF) 23 Page - Actel Corporation

Part # TQ176
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

TQ176 Datasheet(HTML) 23 Page - Actel Corporation

Back Button TQ176 Datasheet HTML 19Page - Actel Corporation TQ176 Datasheet HTML 20Page - Actel Corporation TQ176 Datasheet HTML 21Page - Actel Corporation TQ176 Datasheet HTML 22Page - Actel Corporation TQ176 Datasheet HTML 23Page - Actel Corporation TQ176 Datasheet HTML 24Page - Actel Corporation TQ176 Datasheet HTML 25Page - Actel Corporation TQ176 Datasheet HTML 26Page - Actel Corporation TQ176 Datasheet HTML 27Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 108 page
background image
SX-A Family FPGAs
v5.3
2-3
PCI Compliance for the SX-A Family
The SX-A family supports 3.3 V and 5 V PCI and is compliant with the PCI Local Bus Specification Rev. 2.1.
Table 2-7 • DC Specifications (5 V PCI Operation)
Symbol
Parameter
Condition
Min.
Max.
Units
VCCA
Supply Voltage for Array
2.25
2.75
V
VCCI
Supply Voltage for I/Os
4.75
5.25
V
VIH
Input High Voltage
2.0
5.75
V
VIL
Input Low Voltage
–0.5
0.8
V
IIH
Input High Leakage Current1
VIN = 2.7
–
70
µA
IIL
Input Low Leakage Current1
VIN = 0.5
–
–70
µA
VOH
Output High Voltage
IOUT = –2 mA
2.4
–
V
VOL
Output Low Voltage2
IOUT = 3 mA, 6 mA
–
0.55
V
CIN
Input Pin Capacitance3
–10
pF
CCLK
CLK Pin Capacitance
5
12
pF
Notes:
1. Input leakage currents include hi-Z output leakage for all bidirectional buffers with tristate outputs.
2. Signals without pull-up resistors must have 3 mA low output current. Signals requiring pull-up must have 6 mA; the latter includes
FRAME#, IRDY#, TRDY#, DEVSEL#, STOP#, SERR#, PERR#, LOCK#, and, when used AD[63::32], C/BE[7::4]#, PAR64, REQ64#, and
ACK64#.
3. Absolute maximum pin capacitance for a PCI input is 10 pF (except for CLK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com