Electronic Components Datasheet Search
  English  ▼

X  

TQ176 Datasheet(PDF) 45 Page - Actel Corporation

Part # TQ176
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

TQ176 Datasheet(HTML) 45 Page - Actel Corporation

Back Button TQ176 Datasheet HTML 41Page - Actel Corporation TQ176 Datasheet HTML 42Page - Actel Corporation TQ176 Datasheet HTML 43Page - Actel Corporation TQ176 Datasheet HTML 44Page - Actel Corporation TQ176 Datasheet HTML 45Page - Actel Corporation TQ176 Datasheet HTML 46Page - Actel Corporation TQ176 Datasheet HTML 47Page - Actel Corporation TQ176 Datasheet HTML 48Page - Actel Corporation TQ176 Datasheet HTML 49Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
SX-A Family FPGAs
v5.3
2-25
Table 2-20 • A54SX08A Timing Characteristics
(Worst-Case Commercial Conditions VCCA = 2.25 V, VCCI = 4.75 V, TJ = 70°C)
Parameter
Description
–2 Speed
–1 Speed
Std. Speed
–F Speed
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
5 V PCI Output Module Timing1
tDLH
Data-to-Pad Low to High
2.4
2.8
3.2
4.5
ns
tDHL
Data-to-Pad High to Low
3.2
3.6
4.2
5.9
ns
tENZL
Enable-to-Pad, Z to L
1.5
1.7
2.0
2.8
ns
tENZH
Enable-to-Pad, Z to H
2.4
2.8
3.2
4.5
ns
tENLZ
Enable-to-Pad, L to Z
3.5
3.9
4.6
6.4
ns
tENHZ
Enable-to-Pad, H to Z
3.2
3.6
4.2
5.9
ns
dTLH
2
Delta Low to High
0.016
0.02
0.022
0.032
ns/pF
dTHL
2
Delta High to Low
0.03
0.032
0.04
0.052
ns/pF
5 V TTL Output Module Timing3
tDLH
Data-to-Pad Low to High
2.4
2.8
3.2
4.5
ns
tDHL
Data-to-Pad High to Low
3.2
3.6
4.2
5.9
ns
tDHLS
Data-to-Pad High to Low—low slew
7.6
8.6
10.1
14.2
ns
tENZL
Enable-to-Pad, Z to L
2.4
2.7
3.2
4.5
ns
tENZLS
Enable-to-Pad, Z to L—low slew
8.4
9.5
11.0
15.4
ns
tENZH
Enable-to-Pad, Z to H
2.4
2.8
3.2
4.5
ns
tENLZ
Enable-to-Pad, L to Z
4.2
4.7
5.6
7.8
ns
tENHZ
Enable-to-Pad, H to Z
3.2
3.6
4.2
5.9
ns
dTLH
Delta Low to High
0.017
0.017
0.023
0.031
ns/pF
dTHL
Delta High to Low
0.029
0.031
0.037
0.051
ns/pF
dTHLS
Delta High to Low—low slew
0.046
0.057
0.066
0.089
ns/pF
Notes:
1. Delays based on 50 pF loading.
2. To obtain the slew rate, substitute the appropriate Delta value, load capacitance, and the VCCI value into the following equation:
Slew Rate [V/ns] = (0.1*VCCI – 0.9*VCCI)/ (Cload * dT[LH|HL|HLS])
where Cload is the load capacitance driven by the I/O in pF
dT[LH|HL|HLS] is the worst case delta value from the datasheet in ns/pF.
3. Delays based on 35 pF loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com