Electronic Components Datasheet Search
  English  ▼

X  

TQ176 Datasheet(PDF) 59 Page - Actel Corporation

Part # TQ176
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

TQ176 Datasheet(HTML) 59 Page - Actel Corporation

Back Button TQ176 Datasheet HTML 55Page - Actel Corporation TQ176 Datasheet HTML 56Page - Actel Corporation TQ176 Datasheet HTML 57Page - Actel Corporation TQ176 Datasheet HTML 58Page - Actel Corporation TQ176 Datasheet HTML 59Page - Actel Corporation TQ176 Datasheet HTML 60Page - Actel Corporation TQ176 Datasheet HTML 61Page - Actel Corporation TQ176 Datasheet HTML 62Page - Actel Corporation TQ176 Datasheet HTML 63Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
SX-A Family FPGAs
v5.3
2-39
Table 2-32 • A54SX32A Timing Characteristics
(Worst-Case Commercial Conditions VCCA = 2.25 V, VCCI = 2.3 V, TJ = 70°C)
Parameter
Description
–3 Speed1
–2 Speed
–1 Speed
Std. Speed
–F Speed
Units
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
2.5 V LVCMOS Output Module Timing 2,3
tDLH
Data-to-Pad Low to High
3.3
3.8
4.2
5.0
7.0
ns
tDHL
Data-to-Pad High to Low
2.5
2.9
3.2
3.8
5.3
ns
tDHLS
Data-to-Pad High to Low—low slew
11.1
12.8
14.5
17.0
23.8
ns
tENZL
Enable-to-Pad, Z to L
2.4
2.8
3.2
3.7
5.2
ns
tENZLS
Data-to-Pad, Z to L—low slew
11.8
13.7
15.5
18.2
25.5
ns
tENZH
Enable-to-Pad, Z to H
3.3
3.8
4.2
5.0
7.0
ns
tENLZ
Enable-to-Pad, L to Z
2.1
2.5
2.8
3.3
4.7
ns
tENHZ
Enable-to-Pad, H to Z
2.5
2.9
3.2
3.8
5.3
ns
dTLH
4
Delta Low to High
0.031
0.037
0.043
0.051
0.071
ns/pF
dTHL
4
Delta High to Low
0.017
0.017
0.023
0.023
0.037
ns/pF
dTHLS
4
Delta High to Low—low slew
0.057
0.06
0.071
0.086
0.117
ns/pF
Note:
1. All –3 speed grades have been discontinued.
2. Delays based on 35 pF loading.
3. The equivalent IO Attribute settings for 2.5 V LVCMOS is 2.5 V LVTTL in the software.
4. To obtain the slew rate, substitute the appropriate Delta value, load capacitance, and the VCCI value into the following equation:
Slew Rate [V/ns] = (0.1*VCCI – 0.9*VCCI)/ (Cload * dT[LH|HL|HLS])
where Cload is the load capacitance driven by the I/O in pF
dT[LH|HL|HLS] is the worst case delta value from the datasheet in ns/pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com