Electronic Components Datasheet Search
  English  ▼

X  

2114T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2114T
Description  Crimp Housings
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2114T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2114T Datasheet HTML 1Page - List of Unclassifed Manufacturers 2114T Datasheet HTML 2Page - List of Unclassifed Manufacturers 2114T Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Crimp Housings
Page <2>
23/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Specifications:
Current Rating
: 7 A ac / dc
Voltage Rating
: 250 V ac / dc
Maximum Contact Resistance
: 20 m
Ω
Minimum Insulation Resistance
: 1,000 M
Ω
Withstanding Voltage
: 1,500 V ac / minute
Temperature Range
: -25°C to +125°C
Application Wires
: 18 to 22 AWG
Material
Contact
: Phosphor bronze or brass
Tin Plated
: 80 to 120 µ inches tin over 20 to 40 µ inches nickel
Dimensions : Millimetres
Accessories - Crimp Pin
Sections : A -A
Sections : B - B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com