Electronic Components Datasheet Search
  English  ▼

X  

2114T Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 2114T
Description  Crimp Housings
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2114T Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  2114T Datasheet HTML 1Page - List of Unclassifed Manufacturers 2114T Datasheet HTML 2Page - List of Unclassifed Manufacturers 2114T Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Crimp Housings
Page <3>
23/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Specification Table
Type
Number of
Positions
A
B
Part Number
Crimp Housing, 3.96 mm 2 Way
2
3.96
8.22
MC34493
Crimp Housing, 3.96 mm 3 Way
3
7.92
12.18
MC34495
Crimp Housing, 3.96 mm 4 Way
4
11.88
16.14
MC34497
Crimp Housing, 3.96 mm 5 Way
5
15.84
20.1
MC34535
Crimp Housing, 3.96 mm 6 Way
6
19.8
24.06
MC34499
Crimp Housing, 3.96 mm 8 Way
8
27.72
31.98
MC34501
Crimp Housing, 3.96 mm 10 Way
10
35.64
39.9
2114H-10
Crimp Housing, 3.96 mm 12 Way
12
43.56
47.82
MC34537
Crimp Pin, 18 - 22 AWG
-
-
-
2114T
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Dimensions : Millimetres
10
Number of
Positions
Number of Positions : 02 = 2, 03 = 3, 04 = 4, 05 = 5, 06 = 6, 08 = 8, 10 = 10 and 12 = 12 Positions
H
Housing
2214
Part Number Explanation:
-
3.96 mm Crimp Housing
T
Terminal
2214
Accessories - Crimp Pin



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com