Electronic Components Datasheet Search
  English  ▼

X  

2114T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2114T
Description  Crimp Housings
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2114T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2114T Datasheet HTML 1Page - List of Unclassifed Manufacturers 2114T Datasheet HTML 2Page - List of Unclassifed Manufacturers 2114T Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Crimp Housings
Page <1>
23/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Dimensions : Millimetres
Specifications:
Current Rating
: 7 A ac / dc
Voltage Rating
: 250 V ac / dc
Maximum Contact Resistance
: 10 m
Ω
Minimum Insulation Resistance
: 1,000 M
Ω
Withstanding Voltage
: 1,500 V ac / minute
Operating Temperature Range
: -40°C to +105°C
Application Wires
: 18 to 22 AWG
Material and Finish
Insulator
: Nylon 66
Insulator Colour
: White
Contact
: Brass
Finish
: Tin plated
3.96 mm Crimp Housing


Similar Part No. - 2114T

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
2114T MULTICOMP-2114T Datasheet
260Kb / 2P
Crimp Housings
12/08/20 V1.0
More results

Similar Description - 2114T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
48236-000 ETC1-48236-000 Datasheet
379Kb / 3P
Discrete Crimp-to-Wire Pins/Receptacles/Housings
logo
Molex Electronics Ltd.
0561878000 MOLEX7-0561878000 Datasheet
258Kb / 6P
3.30mm (.130") Pitch Crimp Terminal 56187, Female, 18-20 AWG, Reel, for51284/51347 Housings
logo
Weidmuller
0206160000 WEIDMULLER-0206160000 Datasheet
744Kb / 20P
Component Carriers and Housings
0266160000 WEIDMULLER-0266160000 Datasheet
733Kb / 20P
Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
Component Carriers and Housings
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
Component Carriers and Housings
logo
FCI connector
863005A FCI-CONNECTOR-863005A Datasheet
68Kb / 1P
MALE SCREW FOR HOUSINGS
logo
List of Unclassifed Man...
OPI1270-018 ETC2-OPI1270-018 Datasheet
104Kb / 2P
Opaque plastic housings
logo
SICK AG
BEF-SG-W16 SICK-BEF-SG-W16 Datasheet
367Kb / 4P
Protective housings
logo
PHOENIX CONTACT
107750 PHOENIX-107750 Datasheet
1Mb / 14P
Universal electronics housings
2017-08-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com