Electronic Components Datasheet Search
  English  ▼

X  

80WD0010 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 80WD0010
Description  Contact selector guide
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

80WD0010 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  80WD0010 Datasheet HTML 1Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 2Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 3Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
43
UTS Series
Standard version
Crimp contacts
(1) contact reeled
(2) loose contact
Contact
size
Type
Wire size
Part number
Max
wire Ø
Max
insulator
Ø
Color band
Plating
available
AWG
mm²
Male
Female
Front
Rear
#20
Ø1 mm
Machined
26-24
0.13-0.20
RM24W3-
RC24W3-
1.58 max
-
-
K
S&F
26-24
0.13-0.25
SM24W3S26 (1) SC24W3S25 (1)
0.89-1.58
-
-
S25, S26
SM24WL3S26 (2) SC24WL3S25 (2)
-
-
Machined
22-20
0.32-0.52
RM20W3-
RC20W3-
1.58 max
-
-
K
S&F
22-20
0.35-0.5
SM20W3S26 (1) SC20W3S25 (1)
1.17-2.08
-
-
S25, S26
SM20WL3S26 (2) SC20WL3S25 (2)
-
-
Machined
20-18
0.50-0.93
RM18W3-
RC18W3-
2.10 max
-
-
K
#16
Ø1.6
mm
Machined
30-28
0.05-0.08
RM28M1-
RC28M1-
0.55
1.1
-
-
K, J, T
Machined
26-24
0.13-0.2
RM24M9-
RC24M9-
0.8
1.6
Red
-
K, J, T
S&F
26-24
0.13-0.25
SM24M1- (1)
SM24ML1- (2)
SC24M1- (1)
SC24ML1- (2)
0.89-1.28
-
-
S31, S18, TK6
Machined
22-20
0.32-0.52
RM20M13-
RC20M13-
1.18
1.8
Black
-
K, J, T
RM20M12-
RC20M12-
2.2
Blue
-
S&F
22-20
0.35-0.5
SM20M1- (1)
SM20ML1- (2)
SC20M1- (1)
SC20ML1- (2)
1.17-2.08
-
-
S31, S18, TK6
Machined
20-16
0.52-1.5
RM16M23-
RC16M23-
1.8
3.2
-
-
K, J, T
S&F
18-16
0.8-1.5
SM16M1- (1)
SM16ML1- (2)
SC16M1- (1)
SC16ML1- (2)
3.0
-
-
S31, S18, TK6
S&F
18-16
0.8-1.5
SM16M11- (1)
SM16ML11- (2)
SC16M11- (1)
SC16ML11- (2)
2.0-3.0
-
-
S31, S18, TK6
Machined
16-14
1.5-2.5
RM14M50-
RC14M50-
2.05
3.2
-
-
K, J, T
Machined
16-14
1.5-2.5
RM14M30-
RC14M30-
2.28
3.2
-
-
K, J, T
S&F
14
2.0
SM14M1- (1)
SM14ML1- (2)
SC14M1- (1)
SC14ML1- (2)
3.2
-
-
S31, S18, TK6
#12
Ø2.4
mm
Machined
22
0.13-0.4
8291 1457N-
8291 1456-
-
4.9
-
A, K
20
0.5
8291 1459N-
8291 1458-
18
0.75-1.0
8291 1461N-
8291 1460-
16
1.5
8291 1463N-
8291 1462-
14
2.5
8291 1465N-
8291 1464-
12
4
8291 1467N-
8291 1466-
#8
Ø3.6
mm
Machined
16
1.5
8291 3601-
8291 3600-
-
6.5
-
A
14
2.5
8291 3603-
8291 3602-
12
4
8291 3605-
8291 3604-
10
6.0
8291 3607-
8291 3606-
8
10.0
8291 3609-
8291 3608-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com