Electronic Components Datasheet Search
  English  ▼

X  

80WD0010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 80WD0010
Description  Contact selector guide
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

80WD0010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  80WD0010 Datasheet HTML 1Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 2Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 3Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
42
UTS Series
Contact selector guide
Electrical characteristics: contact resistance
#20
Ø1mm
Machined
< 6m
Ω
Stamped &
formed
< 15m
Ω
#16
Ø1.6mm
Machined
< 3m
Ω
Stamped &
formed
< 6m
Ω
#12
Ø2.4mm
Machined
< 5m
Ω
#8
Ø3.6mm
Machined
< 5m
Ω
Available platings
A
2μ Ni + 2μ Ag
J
Gold flash over 2μ Ni
K
Min 0.4μ gold over 2μ Ni
S31
Gold flash over Ni
S18
0.75μ gold min in active part over 2μ Ni
Gold flash over Ni
S25
S26
Active part: 0.75μ Au over Ni
Crimp area: flash Au over Ni
T
T: 2μm Ni mini all over + 3 to 5 μm Sn
all over
TK6
2-5μ Sn pre-plated
Packaging
Conscious of the wide variety of applications, contact packaging has been considered for small series (bulk packaging) and high volume
production (reeled contacts):
• 50 pieces bulk packing
(standard)
• 1000 pieces bulk packing
• 5000 pieces reeled machined
contacts
• 3000 pieces reeled stamped
& formed contacts


Similar Part No. - 80WD0010

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
80W-12A DBLECTRO-80W-12A Datasheet
1Mb / 2P
80W 60Amp Series
80W-4A DBLECTRO-80W-4A Datasheet
4Mb / 2P
80W 25Amp Series
logo
LinkCom Manufacturing C...
80W-LCCH LINKCOM-80W-LCCH Datasheet
496Kb / 4P
80W Power Supply
More results

Similar Description - 80WD0010

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
Configuration Selector Guide
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
Surface Mount LED Selector Guide
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
Selector Guide
logo
List of Unclassifed Man...
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI5374B-A-GL SILABS-SI5374B-A-GL Datasheet
1Mb / 20P
Timing Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
WIRELESS PRODUCT SELECTOR GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com