Electronic Components Datasheet Search
  English  ▼

X  

80WD0010 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 80WD0010
Description  Contact selector guide
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

80WD0010 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  80WD0010 Datasheet HTML 1Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 2Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 3Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80WD0010 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
44
UTS Series
First Mate Last Break contacts
Contact
size
Type
Wire size
Part number
Max
wire Ø
Max
insulator Ø
Color band
Plating
available
AWG
mm²
Male
Female
Front
Rear
#16
Ø1.6 mm
Longer male
contact
(+1mm)
Machined
30-28
0.05-0.08
RM28M1GE1
□
-
0.55
1.1
-
Red
□ =
K, J or T
26-24
0.13-0.2
RM24M9GE1
□
0.8
1.6
Red
Red
22-20
0.32-0.52
RM20M13GE1
□
1.18
1.8
Black
Red
RM20M12 GE1
□
2.2
Blue
Red
20-16
0.52-1.5 RM16M23 GE1
□
1.8
3.2
-
Red
16-14
1.5-2.5
RM14M50 GE1
□
2.05
-
-
Red
16-14
1.5-2.5
RM14M30 GE1
□
2.28
-
-
Red
#16
Ø1.6 mm
Shorter fe-
male contact
(-0.7mm)
Machined
30-28
0.05-0.08
-
RC28M1GE7
□
0.55
1.1
-
Blue
□ =
K, J or T
26-24
0.13-0.2
RC24M9GE7
□
0.8
1.6
Red
Blue
22-20
0.32-0.52
RC20M13GE7
□
1.18
1.8
Black
Blue
RC20M12GE7
□
2.2
Blue
Blue
20-16
0.52-1.5
RC16M23GE7
□
1.8
3.2
-
Blue
16-14
1.5-2.5
RC14M50GE7
□
2.05
-
-
Blue
16-14
1.5-2.5
RC14M30GE7
□
2.28
-
-
Blue
Contact 1
Contact 2
Standard male
contact
Standard female
contact
Longer male
contact
Standard male
contact
Standard female
contact
FMLB
Shorter female
contact
LMFB
First Mate Last Break contacts should
be chosen only if the cavity is not
marked with the earth symbol. For
cavities marked with the earth symbol,
standard contacts will fulfill the same
role as a first mate, last break contact
used in a standard cavity.
Ground symbol
How to make FMLB / LMFB connection
Crimp contacts



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com