Electronic Components Datasheet Search
  English  ▼

X  

PD104SLG Datasheet(PDF) 4 Page - AZ Displays

Part # PD104SLG
Description  color TFT LCD module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104SLG Datasheet(HTML) 4 Page - AZ Displays

  PD104SLG Datasheet HTML 1Page - AZ Displays PD104SLG Datasheet HTML 2Page - AZ Displays PD104SLG Datasheet HTML 3Page - AZ Displays PD104SLG Datasheet HTML 4Page - AZ Displays PD104SLG Datasheet HTML 5Page - AZ Displays PD104SLG Datasheet HTML 6Page - AZ Displays PD104SLG Datasheet HTML 7Page - AZ Displays PD104SLG Datasheet HTML 8Page - AZ Displays PD104SLG Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PD104SLG
The information contained herein is the exclusive property of E Ink Holdings Inc., and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of E Ink Holdings Inc.
Page:4
1.Application
This data sheet applies to a color TFT LCD module, PD104SLG.
PD104SLG module applies to OA product, car TV(must use Analog to Digital drive board),
which require high quality flat panel display. If you must use in high reliability environment
can’t over reliability test condition
Prime View assume no responsibility for any damage resulting from the use of the device
which dose not comply with the instructions and the precautions in these specification sheet.
2. Features
. Amorphous silicon TFT LCD panel with High Brightness LED back-light unit
. Pixel in stripe configuration
. Slim and compact, designed for O/A application
. Display Colors:262,144 colors
. +3.3V DC supply voltage for TFT LCD panel driving
. Wide Viewing Angle
3.Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
10.4 (diagonal)
inch
Display Format
800×(R, G, B)×600
dot
Display Colors
262,144
Active Area
211.2(H)×158.4 (V)
mm
Pixel Pitch
0.264 (H)×0.264 (V)
mm
Pixel Configuration
Stripe
Outline Dimension
243.0 (w)×185.1(H)×10.5(typ.) (D)
mm
Weight
470±20
g
Back-light
28-middle power LED
Surface treatment
Anti-glare and EWV
Display mode
Normally white
Gray scale inversion direction
12 o’clock
[ ref to Note 9-1 ]
P-511-525(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com