Electronic Components Datasheet Search
  English  ▼

X  

PD104SLG Datasheet(PDF) 8 Page - AZ Displays

Part # PD104SLG
Description  color TFT LCD module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104SLG Datasheet(HTML) 8 Page - AZ Displays

Back Button PD104SLG Datasheet HTML 4Page - AZ Displays PD104SLG Datasheet HTML 5Page - AZ Displays PD104SLG Datasheet HTML 6Page - AZ Displays PD104SLG Datasheet HTML 7Page - AZ Displays PD104SLG Datasheet HTML 8Page - AZ Displays PD104SLG Datasheet HTML 9Page - AZ Displays PD104SLG Datasheet HTML 10Page - AZ Displays PD104SLG Datasheet HTML 11Page - AZ Displays PD104SLG Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
PD104SLG
The information contained herein is the exclusive property of E Ink Holdings Inc., and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of E Ink Holdings Inc.
Page:8
Recommended Transmitter (THC63LVDM63A Thine) to PD104SLG interface Assignment :
Input terminal of
THC63LVDM63A
Graphic controller output signal
To PD104SLG
interface
terminal(Symbol)
Symbol
No.
Symbol
Function
Output signal
symbol
TIN0
44
R0
Red pixel data (LSB)
TIN1
45
R1
Red pixel data
TIN2
47
R2
Red pixel data
Tout0-
No.5 : IN0-
TIN3
48
R3
Red pixel data
TIN4
1
R4
Red pixel data
Tout0+
No.6 : IN0+
TIN5
3
R5
Red pixel data(MSB)
TIN6
4
G0
Green pixel data (LSB)
TIN7
6
G1
Green pixel data
TIN8
7
G2
Green pixel data
TIN9
9
G3
Green pixel data
Tout1-
No.7 : IN1-
TIN10
10
G4
Green pixel data
TIN11
12
G5
Green pixel data(MSB)
Tout1+
No.8 : IN1+
TIN12
13
B0
Blue pixel data(LSB)
TIN13
15
B1
Blue pixel data
TIN14
16
B2
Blue pixel data
TIN15
18
B3
Blue pixel data
TIN16
19
B4
Blue pixel data
Tout2-
No.9 : IN2-
TIN17
20
B5
Blue pixel data(MSB)
TIN18
22
HSYNC Horizontal sync signal
Tout2+
N0.10 : IN2+
TIN19
23
VSYNC Vertical sync signal
TIN20
25
DENB Compound Synchronization signal
TCLK in
26
CLK
Data sampling clock
TCLK out-
TCLK out+
No.11 : CLK -
No.12 : CLK +
Data stream of IN0-/+, IN1-/+ and IN2-/+
for PD104SLG
LVDS Interface Block Diagram
N
N
N
N
N
N
L
L
0-
0+
1-
1+
2-
2+
K -
K +
D ata
C ontrol
& data
L C D controller
TIN 0~TIN 5
TIN 6~TIN 11
TIN 12~ TIN 17
TIN 18
TIN 19
TIN 20
T C L K IN
R0 ~ R5
G 0 ~ G 5
B0 ~ B5
H sync
V sync
CL K I N
P L L
I
I
I
I
I
I
C
C
PD 104S LG m odule side
C u stom er system side
D E N B
T H C 63L V D M 63A
P-511-525(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com