Electronic Components Datasheet Search
  English  ▼

X  

PD104SLG Datasheet(PDF) 7 Page - AZ Displays

Part # PD104SLG
Description  color TFT LCD module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104SLG Datasheet(HTML) 7 Page - AZ Displays

Back Button PD104SLG Datasheet HTML 3Page - AZ Displays PD104SLG Datasheet HTML 4Page - AZ Displays PD104SLG Datasheet HTML 5Page - AZ Displays PD104SLG Datasheet HTML 6Page - AZ Displays PD104SLG Datasheet HTML 7Page - AZ Displays PD104SLG Datasheet HTML 8Page - AZ Displays PD104SLG Datasheet HTML 9Page - AZ Displays PD104SLG Datasheet HTML 10Page - AZ Displays PD104SLG Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PD104SLG
The information contained herein is the exclusive property of E Ink Holdings Inc., and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of E Ink Holdings Inc.
Page:7
5.Input Terminals
5-1) TFT-LCD Panel Driving
Connector type: Molex 53779-1470
Pin No.
Symbol
Function
Remark
1
VDD
Power supply : +3.3V
2
VDD
Power supply : +3.3V
3
GND
Ground
4
GND
Ground
5
IN0-
Pixel data Transmission pair 0 (negative -)
6
IN0+
Pixel data Transmission pair 0 (positive +)
7
IN1-
Pixel data Transmission pair 1 (negative -)
8
IN1+
Pixel data Transmission pair 1 (positive +)
9
IN2-
Pixel data Transmission pair 2 (negative -)
10
IN2+
Pixel data Transmission pair 2 (positive +)
11
CLK-
Sampling Clock (negative -)
12
CLK+
Sampling Clock (positive +)
13
GND
Ground
14
GND
Ground
P-511-525(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com