Electronic Components Datasheet Search
  English  ▼

X  

PM070WM3 Datasheet(PDF) 2 Page - AZ Displays

Part # PM070WM3
Description  color TFT LCD module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PM070WM3 Datasheet(HTML) 2 Page - AZ Displays

  PM070WM3 Datasheet HTML 1Page - AZ Displays PM070WM3 Datasheet HTML 2Page - AZ Displays PM070WM3 Datasheet HTML 3Page - AZ Displays PM070WM3 Datasheet HTML 4Page - AZ Displays PM070WM3 Datasheet HTML 5Page - AZ Displays PM070WM3 Datasheet HTML 6Page - AZ Displays PM070WM3 Datasheet HTML 7Page - AZ Displays PM070WM3 Datasheet HTML 8Page - AZ Displays PM070WM3 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PM070WM3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:2
Revision History
Rev.
Issued
Date
Revised
Contents
0.1
Mar 24, 2009
Preliminary
1.0
Apr 27, 2009
Modify Page 5
4. Mechanical Drawing of TFT-LCD module
Modify Page 22
16. Reliability Test
Modify Page 9
6-2) Electrical Performances: Operation Force from 50g to 80g
2.0
Sep 18, 2009
Modify Page5~6
4. Mechanical Drawing of TFT-LCD Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com