Electronic Components Datasheet Search
  English  ▼

X  

PM070WM3 Datasheet(PDF) 7 Page - AZ Displays

Part # PM070WM3
Description  color TFT LCD module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PM070WM3 Datasheet(HTML) 7 Page - AZ Displays

Back Button PM070WM3 Datasheet HTML 3Page - AZ Displays PM070WM3 Datasheet HTML 4Page - AZ Displays PM070WM3 Datasheet HTML 5Page - AZ Displays PM070WM3 Datasheet HTML 6Page - AZ Displays PM070WM3 Datasheet HTML 7Page - AZ Displays PM070WM3 Datasheet HTML 8Page - AZ Displays PM070WM3 Datasheet HTML 9Page - AZ Displays PM070WM3 Datasheet HTML 10Page - AZ Displays PM070WM3 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
PM070WM3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:7
5. Input Terminals
5-1) TFT-LCD Panel Driving
Connector type: DF19K-20P-1H (56)(HRS)
Pin No.
Symbol
Function
Remark
1
Vcc
+3.3V Power Supply
2
Vcc
+3.3V Power Supply
3
GND
Ground
4
GND
Ground
5
INO-
LVDS receiver signal channel 0
6
INO+
LVDS receiver signal channel 0
7
GND
Ground
8
IN1-
LVDS receiver signal channel 1
9
IN1+
LVDS receiver signal channel 1
10
GND
Ground
11
IN2-
LVDS receiver signal channel 2
12
IN2+
LVDS receiver signal channel 2
13
GND
Ground
14
CLK-
LVDS receiver signal clock
15
CLK+
LVDS receiver signal clock
16
GND
Ground
17
NC
No connection
18
NC
No connection
19
GND
Ground
20
GND
Ground
LVDS Interface Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com