Electronic Components Datasheet Search
  English  ▼

X  

PM070WM3 Datasheet(PDF) 21 Page - AZ Displays

Part # PM070WM3
Description  color TFT LCD module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PM070WM3 Datasheet(HTML) 21 Page - AZ Displays

Back Button PM070WM3 Datasheet HTML 15Page - AZ Displays PM070WM3 Datasheet HTML 16Page - AZ Displays PM070WM3 Datasheet HTML 17Page - AZ Displays PM070WM3 Datasheet HTML 18Page - AZ Displays PM070WM3 Datasheet HTML 19Page - AZ Displays PM070WM3 Datasheet HTML 20Page - AZ Displays PM070WM3 Datasheet HTML 21Page - AZ Displays PM070WM3 Datasheet HTML 22Page - AZ Displays PM070WM3 Datasheet HTML 23Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
PM070WM3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:21
15. Handling Cautions
15-1) Mounting of module
a) Please power off the module when you connect the input/output connector.
b) Polarizer which is made of soft material and susceptible to flaw must be handled carefully.
c) Protective film (Laminator) is applied on surface to protect it against scratches and dirt’s.
d) Please following the tear off direction as figure15-1 to remove the protective film as slowly
as possible, so that electrostatic charge can be minimized.
15-2) Precautions in mounting
a) When metal part of the TFT-LCD module (shielding lid and rear case) is soiled, wipe it with
soft dry cloth.
b) Wipe off water drops or finger grease immediately. Long contact with water may cause
discoloration or spots.
c) TFT-LCD module uses glass which breaks or cracks easily if dropped or bumped on hard
surface. Please handle with care.
d) Since CMOS LSI is used in the module. So take care of static electricity and earth yourself
when handling.
15-3) Adjusting module
a) Adjusting volumes on the rear face of the module have been set optimally before
shipment.
b) Therefore, do not change any adjusted values. If adjusted values are changed, the
specifications described may not be satisfied.
15-4) Others
a) Do not expose the module to direct sunlight or intensive ultraviolet rays for many hours.
b) Store the module at a room temperature place.
c) The voltage of beginning electric discharge may over the normal voltage because of
leakage current from approach conductor by to draw lump read lead line around.
d) If LCD panel breaks, it is possibly that the liquid crystal escapes from the panel.
Avoid putting it into eyes or mouth. When liquid crystal sticks on hands, clothes or feet.
Wash it out immediately with soap.
e) Observe all other precautionary requirements in handling general electronic components.
f) Please adjust the voltage of common electrode as material of attachment by 1 module.
Figure 15-1 the way to peel off protective film



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com