Electronic Components Datasheet Search
  English  ▼

X  

LD1018SS Datasheet(PDF) 3 Page - LDT Co., Ltd

Part # LD1018SS
Description  16 Channel Constant Current LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1018SS Datasheet(HTML) 3 Page - LDT Co., Ltd

  LD1018SS Datasheet HTML 1Page - LDT Co., Ltd LD1018SS Datasheet HTML 2Page - LDT Co., Ltd LD1018SS Datasheet HTML 3Page - LDT Co., Ltd LD1018SS Datasheet HTML 4Page - LDT Co., Ltd LD1018SS Datasheet HTML 5Page - LDT Co., Ltd LD1018SS Datasheet HTML 6Page - LDT Co., Ltd LD1018SS Datasheet HTML 7Page - LDT Co., Ltd LD1018SS Datasheet HTML 8Page - LDT Co., Ltd LD1018SS Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Ver2.0
3
LD1018
16 Channel Constant Current Driver
DESCRIPTION
The LD1018 is specifically designed for LED display applications. The constant current output can be
preset through an external resistor (IOUT = 3mA to 45mA). The device consists of 16bit shift register,
latch and constant current output driver. The LD1018 provides a constant output current for driving the
LEDs against for the variation of LED forward voltage( Vf ).
The LD1018’s excellent current matching characteristics among the output ports and fast output
response time will give you the best display quality for LED display system.
FEATURES
• 16 constant-current output channels
• Output current : set -up at 3mA to 45mA with an external resistor
• Pin to pin deviation : max ± 1.5%
• Chip to chip deviation : max ± 3%
• 3.3V/5V CMOS compatible input
• Delayed output to prevent inrush current
• Maximum data transfer rate : max 30MHz
• Fast response of OEB - OUTn (min) : 60ns @VDD=5V, 100ns @VDD=3.3V
• 3.3V/5V supply voltage
• Package : LD1018-SP (SOP-24), LD1018-SS (SSOP-24)
• “Pb_free & Green” Package
PIN CONNECTION
GND
DIN
CLOCK
STROBE
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
VDD
R-EXT
DOUT
OEB
OUT15
OUT14
OUT13
OUT12
OUT11
OUT10
OUT9
OUT8
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
ORDERING INFORMATION
-40°C to 85 °C
24 SOP
LD1018-SP
-40°C to 85 °C
24 SSOP
LD1018-SS
TA
PACKAGE
PART NUMBER
I-REF
Q
Q
OUT0
OUT1
OUT15
Q
16Bit Shift Register
R-EXT
OEB
STROBE
DIN
CLOCK
DOUT
16Bit Data Latch
16
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com