Electronic Components Datasheet Search
  English  ▼

X  

LD1018SS Datasheet(PDF) 14 Page - LDT Co., Ltd

Part # LD1018SS
Description  16 Channel Constant Current LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1018SS Datasheet(HTML) 14 Page - LDT Co., Ltd

Back Button LD1018SS Datasheet HTML 10Page - LDT Co., Ltd LD1018SS Datasheet HTML 11Page - LDT Co., Ltd LD1018SS Datasheet HTML 12Page - LDT Co., Ltd LD1018SS Datasheet HTML 13Page - LDT Co., Ltd LD1018SS Datasheet HTML 14Page - LDT Co., Ltd LD1018SS Datasheet HTML 15Page - LDT Co., Ltd LD1018SS Datasheet HTML 16Page - LDT Co., Ltd LD1018SS Datasheet HTML 17Page - LDT Co., Ltd LD1018SS Datasheet HTML 18Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Ver2.0
14
LD1018
16 Channel Constant Current Driver
CONSTANT OUTPUT CURRENT
The LD1018 provides a constant current output characteristics for LED display application. The
pin to pin deviation is max +/- 1.5% and chip to chip deviation is max +/- 3%.
When VDD = 3.3V
-5
0
5
10
15
20
25
30
35
40
45
VOUT
0.5㏀
0.6㏀
1.0㏀
2.0㏀
3.0㏀
5.0㏀
-5
0
5
10
15
20
25
30
35
40
45
VOUT
0.5㏀
0.6㏀
1.0㏀
2.0㏀
3.0㏀
5.0㏀
When VDD = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com