Electronic Components Datasheet Search
  English  ▼

X  

LD1018SS Datasheet(PDF) 12 Page - LDT Co., Ltd

Part # LD1018SS
Description  16 Channel Constant Current LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1018SS Datasheet(HTML) 12 Page - LDT Co., Ltd

Back Button LD1018SS Datasheet HTML 8Page - LDT Co., Ltd LD1018SS Datasheet HTML 9Page - LDT Co., Ltd LD1018SS Datasheet HTML 10Page - LDT Co., Ltd LD1018SS Datasheet HTML 11Page - LDT Co., Ltd LD1018SS Datasheet HTML 12Page - LDT Co., Ltd LD1018SS Datasheet HTML 13Page - LDT Co., Ltd LD1018SS Datasheet HTML 14Page - LDT Co., Ltd LD1018SS Datasheet HTML 15Page - LDT Co., Ltd LD1018SS Datasheet HTML 16Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Ver2.0
12
LD1018
16 Channel Constant Current Driver
TIMING WAVEFORM
CLOCK-DOUT, OUTn
CLOCK-STROBE
OEB-OUTn
CLOCK
DIN
DOUT
10%
50%
90%
10%
50%
90%
50%
50%
50%
t
r
t
f
t
W_CLK
t
hD
t
sD
t
pLH , tpHL
CLOCK
DIN
STROBE
OUTn
50%
50%
50%
50%
50%
ON
OFF
t
w_STB
t
h
S
t
sS
t
pLH1 , tpHL1
t
pLH2 , tpHL2
OEB
OUTn
10%
50%
90%
10%
50%
90%
50%
50%
t
pLH3
t
pHL3
t
W_OEB
t
or
t
of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com