Electronic Components Datasheet Search
  English  ▼

X  

MPC104AP Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPC104AP
Description  Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPC104AP Datasheet(HTML) 4 Page - Burr-Brown (TI)

  MPC104AP Datasheet HTML 1Page - Burr-Brown (TI) MPC104AP Datasheet HTML 2Page - Burr-Brown (TI) MPC104AP Datasheet HTML 3Page - Burr-Brown (TI) MPC104AP Datasheet HTML 4Page - Burr-Brown (TI) MPC104AP Datasheet HTML 5Page - Burr-Brown (TI) MPC104AP Datasheet HTML 6Page - Burr-Brown (TI) MPC104AP Datasheet HTML 7Page - Burr-Brown (TI) MPC104AP Datasheet HTML 8Page - Burr-Brown (TI) MPC104AP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
®
MPC104
4
PIN
DESCRIPTION
IN1, IN2
Analog Input Channels
GND
Analog Input Shielding Grounds,
Connect to System Ground
SEL1, SEL2
Channel Selection Inputs
VOUT
Analog Output; tracks selected channel
–VCC
Negative Supply Voltage; typical –5VDC
+VCC
Positive Supply Voltage; typical +5VDC
CONNECTION DIAGRAM
PIN DESCRIPTION
Top View
DIP/SO-8
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage (
±V
CC) ......................................................... ±6VDC
Analog Input Voltage (IN1 through IN2) ................................... ±VCC, ±0.7V
Operating Temperature ..................................................... –40
°C to +85°C
Storage Temperature ...................................................... –40
°C to +125°C
Output Current ..................................................................................
±6mA
Junction Temperature .................................................................... +175
°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
Digital Input Voltages (SEL1 through SEL2) .............. –0.5V to +VCC +0.7V
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MPC104AP
8-Pin Plastic DIP
006
–40
°C to +85°C
MPC104AU
SO-8 Surface Mount
182
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
IN
1
GND
+V
CC
IN
2
SEL
1
–V
CC
V
OUT
SEL
2
1
2
3
4
8
7
6
5
+1
+1
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com