Electronic Components Datasheet Search
  English  ▼

X  

MPC104AP Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPC104AP
Description  Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPC104AP Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button MPC104AP Datasheet HTML 3Page - Burr-Brown (TI) MPC104AP Datasheet HTML 4Page - Burr-Brown (TI) MPC104AP Datasheet HTML 5Page - Burr-Brown (TI) MPC104AP Datasheet HTML 6Page - Burr-Brown (TI) MPC104AP Datasheet HTML 7Page - Burr-Brown (TI) MPC104AP Datasheet HTML 8Page - Burr-Brown (TI) MPC104AP Datasheet HTML 9Page - Burr-Brown (TI) MPC104AP Datasheet HTML 10Page - Burr-Brown (TI) MPC104AP Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
®
MPC104
7
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5VDC, RL = 10kΩ, RIN = 100Ω, RSOURCE = 50Ω, and TA = +25°C, unless otherwise noted.
0
2040
6080
100
Time (ns)
V
IN = 0.2Vp-p, COUT = 1pF
t
RISE = tFALL = 2ns (Generator)
150
100
50
0
–50
–100
–150
SMALL SIGNAL PULSE RESPONSE
0
2040
6080
100
Time (ns)
V
IN = 0.2Vp-p, COUT = 47pF
t
RISE = tFALL = 2ns (Generator)
150
100
50
0
–50
–100
–150
SMALL SIGNAL PULSE RESPONSE
0
2040
6080
100
Time (ns)
V
IN = 4Vp-p, COUT = 1pF
t
RISE = tFALL = 2ns (Generator)
3
2
1
0
–1
–2
–3
LARGE SIGNAL PULSE RESPONSE
0
2040
6080
100
Time (ns)
V
IN = 4Vp-p, COUT = 47pF
t
RISE = tFALL = 2ns (Generator)
3
2
1
0
–1
–2
–3
LARGE SIGNAL PULSE RESPONSE
GROUP DELAY TIME vs FREQUENCY
Frequency (Hz)
1M
10M
100M
1G
3
2
1
0
–1
DUT
100
Ω
22
Ω
180
Ω
V
OUT
V
IN
50
Ω
1pF
BUF601
V
IN = 1.4Vp-p
5
0
–5
–10
–15
–20
–25
Frequency (Hz)
1M
10M
100M
1G
BANDWIDTH vs C
OUT WITH RECOMMENDED ROUT
1pF
10pF
22pF
33pF
47pF
R
OUT
1pF
0
Ω
571MHz
f
–3dB
C
OUT
10pF 27
Ω 364MHz
22pF
33pF
47pF
16
Ω
12
Ω
8
Ω
279MHz
231MHz
188MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com